| Electronic Components Datasheet Search |
|
SNISDPRO Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SNISDPRO Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() Description SNxxx-250, SNISDxxx, SNRCM-250, SNXIDE-250, SNINSAD-2X 2/4 1 Description Based on the proven tool solution for Ember's EM250 and EM260 wireless networking devices, the SN250 Development and SN250 Professional Kits provide a complete hardware/software development environment and network system (3 or 8 nodes depending on the kit ordered) that uses the SN250 and the EmberZnet™ ZigBee® advanced wireless protocol stack. For interface between the host PC during debugging and programming, the kits include InSight Adapters (3 or 8 depending on the kit ordered) with a 10-pin Insight connection to SN250 modules and an Ethernet switch for connection of multiple adapters to a host PC. The kits facilitate application development with sample applications and a complete software tool set that includes Ember's InSight Desktop with Network Traffic Analyzer to display network and node activity in real time, as well as the xIDE development environment with C compiler for application building and debugging. InSight Desktop is delivered in two editions: ● InSight Desktop Development (SNISDDEV) edition which is included in the SN-250 Development kits, supports up to 3 nodes and 10,000 radio events and includes a 6- month support and maintenance agreement ● InSight Desktop Professional (SNISDPRO) edition which is included in the SN-250 Professional kits, supports up an unlimited number of nodes and radio events and includes a 1-year support and maintenance agreement and a 2-day training for one person In addition, developers using InSight Desktop Professional or the SN-250 Professional Kit benefit from Ember's hands-on ZigBee® training that includes the following topics and workshops: ● Network topologies and characteristics ● Common messaging models ● Commissioning strategies ● Application structure and stack integration ● Network efficiency ● Tool set use ● Fundamental messaging types ● Sensor network applications ● Distributed control applications ● Power management |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |