Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG90525. Datasheet(PDF) 2 Page - Pro-Signal

Part # PSG90525.
Description  Ethernet Cable RJ45 Plug to RJ45 Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG90525. Datasheet(HTML) 2 Page - Pro-Signal

  PSG90525. Datasheet HTML 1Page - Pro-Signal PSG90525. Datasheet HTML 2Page - Pro-Signal PSG90525. Datasheet HTML 3Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
21/07/21
Ethernet Cable
RJ45 Plug to RJ45 Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Description
Colour Length (L) Part Number
Lead Patch Cat6, RJ45 Plug-Plug
Blue
0.2m
PSG90852.
0.5m
PSG90533.
10m
PSG90538
15m
PSG90539
1m
PSG90534.
20m
PSG90540
2m
PSG90535
3m
PSG90536
5m
PSG90537
Green
0.2m
PSG90854
0.5m
PSG90549
10m
PSG90554
15m
PSG91002
1m
PSG90550
20m
PSG91003
2m
PSG90551
3m
PSG90552
5m
PSG90553
Grey
0.5m
PSG90517
10m
PSG90522
15m
PSG90523
1m
PSG90518
20m
PSG90524
2m
PSG90519
3m
PSG90520
5m
PSG90521
Orange
0.2m
PSG90857
0.5m
PSG90567.
10m
PSG90572
15m
PSG91008
1m
PSG90568
20m
PSG91009
2m
PSG90569
3m
PSG90570
5m
PSG90571
Pink
0.2m
PSG90858
0.5m
PSG90573
10m
PSG90578



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com