Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS11098. Datasheet(PDF) 1 Page - Pro-Signal

Part # PS11098.
Description  Fibre Optic Patch Lead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PS11098. Datasheet(HTML) 1 Page - Pro-Signal

  PS11098. Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
28/06/21
Fibre Optic Patch Lead
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Description
High quality fibre optic patch lead. Ideal for CATV and datacomms applications.
Specifications
Fibre Optic Connector A
: SC
Fibre Optic Connector B
: SC
Fibre Type
: Multimode
Fibre Diameter
: 125µm
1-PLUG
Beige
2-BOOT
White
3-CABLE
OM1
Orange
Insertion Loss
≤0.3dB
Cable diameter
3mm
Cable type
PVC
Ferrule Interface type
PC
Mode
MM:50/125
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Cable Length Part Number
Lead Fibre Optic SC to SC
1m
PS11098
2m
PS11099
3m
PS11100
Diagram


Similar Part No. - PS11098.

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PS11095 PROSIGNAL-PS11095 Datasheet
163Kb / 1P
C6ft Fiber Optic Patch Cable ST to SC
V1.0 04/09/19
More results

Similar Description - PS11098.

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-53A3VEM HP-HFBR-53A3VEM Datasheet
309Kb / 14P
3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
logo
Faraday Technology
PI-005 FARADAY-PI-005 Datasheet
50Kb / 3P
10 BIT VIDEO TO FIBRE OPTIC TRANSMITTER
logo
Glenair, Inc.
FO1006-1-1-101605A GLENAIR-FO1006-1-1-101605A Datasheet
176Kb / 1P
Fiber Optic Patch Cord
logo
List of Unclassifed Man...
PS11001 ETC1-PS11001 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
IT210SM900 ETC2-IT210SM900 Datasheet
2Mb / 27P
Glass Fibre-optic Specifications
logo
PANDUIT CORP.
FXLE3-10M2 PANDUIT-FXLE3-10M2 Datasheet
91Kb / 2P
Opti-Core Fibre Optic Patch Cords - Low Smoke Zero Halogen (LSZH) Rated
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-53D5Z AVAGO-AFBR-53D5Z_15 Datasheet
132Kb / 15P
850 nm VCSEL Fibre Optic Transceivers for Gigabit Ethernet
logo
Weidmuller
1344760000 WEIDMULLER-1344760000 Datasheet
147Kb / 4P
Serial/fibre-optic converter
1362950000 WEIDMULLER-1362950000 Datasheet
147Kb / 4P
Serial/fibre-optic converter
logo
Schneider Electric
140NRP95400 SCHNEIDER-140NRP95400 Datasheet
117Kb / 4P
Fibre optic repeater MM/ST RIO S908 2CH
Apr 18, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com