Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP3746. Datasheet(PDF) 1 Page - Pro-Power

Part # PP3746.
Description  Microphone Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PP3746. Datasheet(HTML) 1 Page - Pro-Power

  PP3746. Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
16/10/17
TECHNICAL
DATA SHEET
Important Notice : This data sheet and its contents (the “Information”) belong to pro-POWER. No licence is granted for the use of it other than for information purposes in connection with the
products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied. The
Information supplied is believed to be accurate but pro-POWER assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of
this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability
for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where pro-POWER was aware of the possibility of such loss or
damage arising) is excluded. This will not operate to limit or restrict pro-POWER’s liability for death or personal injury resulting from its negligence.
Microphone Cable
Model: CB13962
Design of cable:
Conductor
20/0.10mm BC OFC
Insulation
PE
Insulation Dia
1.1 ± 0.1mm/0.29mm ± 0.08mm
Colour
Red, white
Wrap
AL Foil
Shield
AL coverage 100%
Drain wire
7/0.20mm TC OFC
Jacket
PVC
Colour
Black
Size
3.0±0.10mm / 0.36 ± 0.05mm
Wall thickness
≈0.5mm
Electric data at 20°C
Conductor resistance
121.01Ω/km
Capacitance
65.5pF/m
Impedance
83.3Ω
Packing
100M card spool


Similar Part No. - PP3746.

ManufacturerPart #DatasheetDescription
logo
CUI INC
PP3-002A CUI-PP3-002A Datasheet
24Kb / 1P
DC PLUG
logo
CUI Devices
PP3-002A CUID-PP3-002A Datasheet
260Kb / 3P
DC POWER PLUG
08/05/2022
logo
CUI INC
PP3-002AH CUI-PP3-002AH Datasheet
28Kb / 1P
DC POWER JACK
logo
CUI Devices
PP3-002AH CUID-PP3-002AH Datasheet
280Kb / 3P
DC POWER PLUG
06/10/2020
logo
CUI INC
PP3-002B CUI-PP3-002B Datasheet
226Kb / 1P
DC PLUG
More results

Similar Description - PP3746.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2000 ETC2-MC2000 Datasheet
77Kb / 1P
Professional Microphone Cable - XL
logo
Knowles Electronics
FG-23629-P16 KNOWLES-FG-23629-P16 Datasheet
103Kb / 2P
MICROPHONE / CABLE
FG-23652-P16 KNOWLES-FG-23652-P16 Datasheet
103Kb / 2P
MICROPHONE / CABLE
FG-23742-D36 KNOWLES-FG-23742-D36 Datasheet
98Kb / 2P
MICROPHONE / CABLE
WP-23502-P07 KNOWLES-WP-23502-P07 Datasheet
144Kb / 2P
MICROPHONE & CABLE
WP-23502-P16 KNOWLES-WP-23502-P16 Datasheet
146Kb / 2P
MICROPHONE & CABLE
logo
Belden Inc.
1804A BELDEN-1804A Datasheet
241Kb / 2P
Microphone Cable
46349CH BELDEN-46349CH Datasheet
286Kb / 2P
MICROPHONE CABLE 24 AWG FRNC/LSZH-C
12-20-2022
8410 BELDEN-8410 Datasheet
147Kb / 2P
Microphone Cable, 1 Conductor 25 AWG, TC
12-20-2022
BE46349 BELDEN-BE46349 Datasheet
288Kb / 2P
MICROPHONE CABLE 24 AWG PVC
03-04-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com