Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7-EPB Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7-EPB
Description  Programming board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7-EPB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7-EPB Datasheet HTML 7Page - STMicroelectronics ST7-EPB Datasheet HTML 8Page - STMicroelectronics ST7-EPB Datasheet HTML 9Page - STMicroelectronics ST7-EPB Datasheet HTML 10Page - STMicroelectronics ST7-EPB Datasheet HTML 11Page - STMicroelectronics ST7-EPB Datasheet HTML 12Page - STMicroelectronics ST7-EPB Datasheet HTML 13Page - STMicroelectronics ST7-EPB Datasheet HTML 14Page - STMicroelectronics ST7-EPB Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ST7-EPB
2 Hardware Features
UM0028 Rev 4
11/15
2
Hardware Features
2.1
Parallel port connection
The ST7 EPB communicates with your host PC (running STVP7) via a parallel port
connection.
Most communication failures between the host PC running STVP7 and your programming
board stem from problems in the parallel port connection.
To prevent communication problems, when setting up your parallel port connection:
●
Configure your PC’s parallel port suing either the Centronics, EPP, ECP, or bidirectional
parallel port configuration.
●
Use the parallel cable provided with your kit—using a longer parallel cable may cause
malfunctions.
●
Connect the cable directly between the host PC and the programming board—the
insertion of additional cables or switch boxes between the host PC and the
programming board may cause malfunctions.
●
Remove any parallel port dongles.
2.2
About jumpers on the ST7 EPB
There are two jumpers, labelled JP2 and JP3, located on the following ST7 EPBs:
●
ST7MDT1-EPB2
●
ST7MDT2-EPB2
●
ST7MDT6-EPB2
●
ST7MDT7-EPB2
These jumpers are present for manufacturing testing only. Use of these jumpers could
permanently damage the programming board!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com