Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB2228 Datasheet(PDF) 4 Page - SMSC Corporation

Part # USB2228
Description  Flash Card Reader Media Power Considerations
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2228 Datasheet(HTML) 4 Page - SMSC Corporation

  USB2228 Datasheet HTML 1Page - SMSC Corporation USB2228 Datasheet HTML 2Page - SMSC Corporation USB2228 Datasheet HTML 3Page - SMSC Corporation USB2228 Datasheet HTML 4Page - SMSC Corporation USB2228 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USB2227 and USB2228 USB2.0 Flash Card Reader Media Power Considerations
Revision 1.1 (03-31-05)
4
SMSC WP 1.5
WHITE PAPER
Special Cases
In some cases, it may be desired to have specific non-CF interfaces also use external power FETs.
These would be interfaces that are expected to require greater than the 100mA maximum supply
current that the USB2227 and USB2228’s internally integrated power FETs can supply. In this case, it
would be desired that this interface, as well as the CF interfaces use external FETs, while the
remaining card interfaces use the internal FETs. The USB2227 and USB2228 can be configured via
its attribute bit settings contained in its optional external serial EEPROM to select which interfaces use
the internal versus external FETs.
Integrated FET Parallel Operation
The design of the USB2227 and USB2228’s internal power FETs are such that they may be paralleled
to supply increased current. Two of the internal power FETS are capable of 100ma output operating
current, while one output (pin 76, GPIO11) is capable of supplying 200ma by itself. Therefore, up to
400ma may be obtained by paralleling the internal power FETs in a single card interface application.
The firmware of the USB2227 and USB2228 allows any combination of the three internal FETs to be
used for any card interface. The FETs are designed not only to sustain individual short circuits, but
simultaneous shorts as long as the operating ambient temperature and power supply voltage limits are
not exceeded.
Summary
Proper card power supply design and component selection is necessary for error free operation of USB
card readers. Whether using external FETs or the internally integrated FETs of advanced controllers,
such as SMSC’s USB2227 and USB2228, problem free implementations are possible by following
several simple guidelines.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com