Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXP9050/02/P/1. Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PXP9050/02/P/1.
Description  9000 Series High Power Buccaneer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP9050/02/P/1. Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PXP9050/02/P/1. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP9050/02/P/1. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP9050/02/P/1. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP9050/02/P/1. Datasheet HTML 4Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
66 Circular Power Connectors
No Poles:
Current Rating:
2 Pole
4 Pole
6 Pole
8 Pole
11 Pole
Voltage Rating (AC):
Operating Temp. Range:
Approvals:
Specifications & Part No System
Electrical:
2, 4, 6, 8, 11
225A
150A
150A
13A, 80A
80A, 13A
1250V AC RMS +700V AC RMS
-55°C to +125°C
Standard Available
Body:
Colour:
Contacts:
Flammability Rating:
RoHS
Materials:
Plastic:
Mechanical:
Locking Mechanism:
Sealing:
Contact Accommodation:
2 pole
4 pole
6 pole
8 pole
11 pole
Cable Acceptance:
Terminations:
Dimensions:
Diameter: (over coupling ring)
Bayonet Quarter Turn Rapid Locking
Screw Lock
IP68
4/0 (107.2 mm²)
1/0 (53.5 mm²)
1/0 (107.2 mm²)
4x 4 (107.2 mm²) & 16 AWG (1.5 mm²) 4x
10x 4 (107.2 mm²) & 16 AWG (1.5 mm²) 1x
Back Shell Inner Diameter 48.26 mm
Crimp Terminals
72.77mm (bayonet), 80.67mm (screw lock)
Delrin
Black
Copper Alloy Silver Plating
UL94 V-0
Compliant
BUCCANEER FOR POWER
9000 Series High Power Buccaneer
Series Designation
Series / Body Style
Contact of Poles
Contact Type
Backshell
PXP901X = Bayonet
Quarter Turn
PXP905X = Screw Locking
10 = Flex Body
11 = Flex In-Line
12 = Flange Mount
02
04
06
08
11
P = Plug
S = Socket
N/A = No Backshell
1 = 4” Screw on
Backshell
Examples
PXP90XX
XX
X
XX
X
PXP9050/02/P/1 = Screw Locking Flex Body Connector, 4 inch Backshell, 2 Contacts, Pin
PXP9012/02/S = Bayonet Locking Flange Mount Connector, No Backshell, 2 Contacts, Socket



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com