Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXP9012/04/S. Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # PXP9012/04/S.
Description  9000 Series High Power Buccaneer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP9012/04/S. Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PXP9012/04/S. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP9012/04/S. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP9012/04/S. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP9012/04/S. Datasheet HTML 4Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
64 Circular Power Connectors
BUCCANEER FOR POWER
9000 Series High Power Buccaneer
PXP9050
Flex Body, Flex In-Line & Flange
Mount available
Plug and Socket available
IP68 Rated
Up to 1250V AC RMS
Bayonet Quarter Turning Lock -
Male & Female
Screw Locking -
Male & Female
Part Number
Poles
Contact Type
Body Type
2
2
2
4
4
4
6
6
6
8
8
8
11
11
11
Pin
Socket
Socket
Pin
Socket
Socket
Pin
Socket
Socket
Pin
Socket
Socket
Pin
Socket
Socket
Flex Body
Flex In-Line
Flange Mount
Flex Body
Flex In-Line
Flange Mount
Flex Body
Flex In-Line
Flange Mount
Flex Body
Flex In-Line
Flange Mount
Flex Body
Flex In-Line
Flange Mount
Backshell
Yes
Yes
-
Yes
Yes
-
Yes
Yes
-
Yes
Yes
-
Yes
Yes
-
PXP9050/02/P/1
PXP9051/02/S/1
PXP9052/02/S
PXP9050/04/P/1
PXP9051/04/S/1
PXP9052/04/S
PXP9050/06/P/1
PXP9051/06/S/1
PXP9052/06/S
PXP9050/08/P/1
PXP9051/08/S/1
PXP9052/08/S
PXP9050/11/P/1
PXP9051/11/S/1
PXP9052/11/S
PXP9010
Part Number
Backshell
Yes
Yes
-
Yes
Yes
-
Yes
Yes
-
Yes
Yes
-
Yes
Yes
-
PXP9010/02/P/1
PXP9011/02/S/1
PXP9012/02/S
PXP9010/04/P/1
PXP9011/04/S/1
PXP9012/04/S
PXP9010/06/P/1
PXP9011/06/S/1
PXP9012/06/S
PXP9010/08/P/1
PXP9011/08/S/1
PXP9012/08/S
PXP9010/11/P/1
PXP9011/11/S/1
PXP9012/11/S
Flex Body, Flex In-Line & Flange
Mount available
Plug and Socket available
IP68 Rated
Up to 1250V AC RMS
Robust, with Quick Disconnect
System
Contact Size
4/0
4/0
4/0
1/0
1/0
1/0
1/0
1/0
1/0
4x 4 & 16AWG 4x
4x 4 & 16AWG 4x
4x 4 & 16AWG 4x
10x 4 & 16AWG 1x
10x 4 & 16AWG 1x
10x 4 & 16AWG 1x
Poles
Contact Type
Body Type
2
2
2
4
4
4
6
6
6
8
8
8
11
11
11
Pin
Socket
Socket
Pin
Socket
Socket
Pin
Socket
Socket
Pin
Socket
Socket
Pin
Socket
Socket
Flex Body
Flex In-Line
Flange Mount
Flex Body
Flex In-Line
Flange Mount
Flex Body
Flex In-Line
Flange Mount
Flex Body
Flex In-Line
Flange Mount
Flex Body
Flex In-Line
Flange Mount
Contact Size
4/0
4/0
4/0
1/0
1/0
1/0
1/0
1/0
1/0
4x 4 & 16AWG 4x
4x 4 & 16AWG 4x
4x 4 & 16AWG 4x
10x 4 & 16AWG 1x
10x 4 & 16AWG 1x
10x 4 & 16AWG 1x



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com