Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXP9011/02/S/1. Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PXP9011/02/S/1.
Description  9000 Series High Power Buccaneer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP9011/02/S/1. Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXP9011/02/S/1. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP9011/02/S/1. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP9011/02/S/1. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP9011/02/S/1. Datasheet HTML 4Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Circular Power Connectors 63
9000 Series High Power Buccaneer
A range of high amperage flex body, flex body
in-line and flange mount connectors rated to IP68.
These Delrin housing multi pin circular connectors
are ideal for applications where dust and water
ingress must be avoided and ease of connection
to high ratings must be achieved.
Bayonet 1/4 Turn locking Mechanism
Secure, quick connector mating and release
Screw Turn Locking
Secure, robust connection and easy to disconnect
Positive feedback on locking mechanism
Confidence that connector is correctly mated and sealed
IP68 when mated (for parts with backshell)
Suitable for a wide range of dust and water borne environments
Flex Body, Flex Body In-Line and Flange Mount Available
Complete family of products maintain sealing integrity in all styles
Visual alignment features
Aids the correct mating of connectors
2 to 11 poles - up to 225A, 1250V AC RMS
Suitable for mains power to signal applications
Crimp termination available
300+ AMP contacts upon request


Similar Part No. - PXP9011/02/S/1.

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PXP9R1-30QL NEXPERIA-PXP9R1-30QL Datasheet
315Kb / 14P
30 V, P-channel Trench MOSFET
5 January 2021
PXP9R1-30QLJ NEXPERIA-PXP9R1-30QLJ Datasheet
315Kb / 14P
30 V, P-channel Trench MOSFET
5 January 2021
More results

Similar Description - PXP9011/02/S/1.

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
Buccaneer Antenna
logo
List of Unclassifed Man...
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
Mini Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
BUCCANEER FOR POWER
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
SMB Buccaneer
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
4000 Series Buccaneer
logo
Keysight Technologies
N5463B KEYSIGHT-N5463B Datasheet
2Mb / 8P
Infiniium 9000 Series Oscilloscopes
9000 KEYSIGHT-9000 Datasheet
4Mb / 32P
Infiniium 9000 Series Oscilloscopes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com