Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9949 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 9Page - STMicroelectronics L9949 Datasheet HTML 10Page - STMicroelectronics L9949 Datasheet HTML 11Page - STMicroelectronics L9949 Datasheet HTML 12Page - STMicroelectronics L9949 Datasheet HTML 13Page - STMicroelectronics L9949 Datasheet HTML 14Page - STMicroelectronics L9949 Datasheet HTML 15Page - STMicroelectronics L9949 Datasheet HTML 16Page - STMicroelectronics L9949 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
L9949
rising edge of the CLK signal and shifted into an internal 16 bit shift register. At the rising edge of the CSN signal
the contents of the shift register will be transfered to Data Input Register (see FIGURE 8).
The SPI uses an internal 16 bit counter which will be reset at the rising edge of the CSN signal. Only the first 16
bits of the data input DI will be relevant. If more than 16 bits are transfered the trailing bits will be ignored.
Serial Data Out (DO)
The output driver is activated by a logical low level at the CSN input and will go from high impedance to a low
or high level depending on the status bit 0 (fault condition). The first rising edge of the CLK input after a high to
low transition of the CSN pin will transfer the content of the selected status register into the data out shift register.
Each subsequent falling edge of the CLK will shift the next bit out.
Serial Clock (CLK)
The CLK input is used to synchronize the input and output serial bit streams. The data input (DI) is sampled at
the rising edge of the CLK and the data output (DO) will change with the falling edge of the CLK signal (see
FIGURE 8).
Input Data Register
After the rising edge of CSN the contents of the input shift register will be written to the input data register. De-
pending on bit 0 the contents of the selected status register will be transfered to DO during the current commu-
nication cycle. Bit 1-11 controls the behaviour of the corresponding driver. If bit 12 and bit 13 are zero, the device
will go into the standby-mode. If at least one of both bits are one these bits will be used to control the current
monitor multiplexer. Bit 14 selects the VS lockout mode. If this bit is set, an over- or undervoltage condition at
the power supply VS will disable all driver stages until the status bit will be cleared by the microcontroller. Bit 15
is used to reset all status bits in both status registers. The bits in the status registers will be cleared after the
current communication cycle (rising edge of CSN).
Status Register
This devices uses two status registers to store and to monitor the state of the device. Bit 0 is used as a fault bit
and is a logical-NOR combination of all other bits in both status registers. The state of this bit can be polled by
the microcontroller without the need of a full SPI-communication cycle (see FIGURE 13). If one of the overcur-
rent bits is set, the corresponding driver will be disabled. The microcontroller has to clear the overcurrent bit to
enable the driver. If the thermal shutdown bit is set, all drivers will go into a high impedance state. Again the
microcontroller has to clear the bit to enable the drivers. The behaviour of the device in case of an over- or un-
dervoltage condition will depend on the VS lockout bit (bit 14) in the input data register. If bit 14 is cleared, the
device will reactivate the drivers if the power supply VS returns to normal operating range. In this case no inter-
action from the microcontroller is needed.
Test Mode
Due to the current limitations of a single bond wire the output stages OUT1, 2 and 6 need two bond wires in
parallel. For the full output current driving capability it is necessary to check that both bond wires are connected
correctly to the lead frame. Therefore the drivers and DMOS-transistors of the outputs OUT1, 2 and 6 are split-
ted into two independet stages, one for each bond wire (see FIGURE 6.4). In normal operating mode the splitted
outputs are connected in parallel. In the test mode bit 5 and 6 of the input data register select the A-driver, bit 7
and 8 the B-driver. If all four bits (5 - 8) are switched to high level, no driver will be activated. For all combinations
beside both high of bit 5 and 6 or bit 7 and 8 the output stages OUT3 and OUT4 are controlled like in normal
operating mode. In any case the output stages are protected against shoot through current. Furthermore the
inputs CLK and DI are connected by an OR to the output DO for testing the threshold voltages and the hyster-
esis. The input CLK can be tested by clamping the input DI to low level and vice versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com