Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9930 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9930
Description  DUAL FULL BRIDGE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9930 Datasheet(HTML) 4 Page - STMicroelectronics

  L9930 Datasheet HTML 1Page - STMicroelectronics L9930 Datasheet HTML 2Page - STMicroelectronics L9930 Datasheet HTML 3Page - STMicroelectronics L9930 Datasheet HTML 4Page - STMicroelectronics L9930 Datasheet HTML 5Page - STMicroelectronics L9930 Datasheet HTML 6Page - STMicroelectronics L9930 Datasheet HTML 7Page - STMicroelectronics L9930 Datasheet HTML 8Page - STMicroelectronics L9930 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS
INPUTS CHARACTERISTICS (normal and standby mode)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIH
High Threshold
4V
VIL
Low Threshold
1
V
INHI
Input Current 1
VIN = 4V
200
µA
INLO
Input Current 2
VIN =1V
50
µA
DIAGNOSTIC CHARACTERISTICS
VDIAGL
Low Level Voltage
IDIAG = 2mA
0.6
0.8
V
IDIAGH
Leakage Current
VDIAG = 5.25V
5
10
µA
INITIALIZATION CHARACTERISTICS
TINIT
Initialization Timing
VBAT = 12V
10
µs
TSTUP
Start-Up Timing
VBAT = 12V
1
ms
TRESET
Reset
10
µs
FILTER CHARACTERISTICS
TFILTER
64
112
170
µs
TDIAG
46
10
µs
TSYNC
46
10
µs
TRUE TABLE
ENAB
IN1
IN2
OUT1
OUT2
OUT3
OUT4
MODE
DIAG
0
0
0
HZ
HZ
HZ
HZ
STANDBY
?
0
0
1
HZ
HZ
HZ
HZ
NORMAL
?
0
1
0
HZ
HZ
HZ
HZ
NORMAL
?
0
1
1
HZ
HZ
HZ
HZ
NORMAL
?
1
0
0
HSD
LSD
HSD
LSD
NORMAL
VALID
1
0
1
HSD
LSD
LSD
HSD
NORMAL
VALID
1
1
0
LSD
HSD
HSD
LSD
NORMAL
VALID
1
1
1
LSD
HSD
LSD
HSD
NORMAL
VALID
INi
D96AT319
VOUT
tDF
tF
tDR
tR
Figure 1:
L9930
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com