Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG04005 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG04005
Description  HDMI to DVI-D (241 Pin)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG04005 Datasheet(HTML) 1 Page - Pro-Signal

  PSG04005 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
13/10/20
HDMI to DVI-D (24+1 Pin)
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Specifications
Connector Type
: HDMI Plug to DVI-D (24 + 1 Pin)
Insulation Resistance : DC300V 0.01S 10MΩ (Min.)
Conductive Resistance : 3Ω (Max.)
HD-TV
: 1920×1080 @60Hz
Jacket Colour
: Black
Diagram
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Length
Part Number
HDMI to DVI-D (24+1 Pin) Male to Male Lead, Black
1m
PSG04003
2m
PSG04004
3m
PSG04005
No.
Material
Description
Qty.
1.
Cable
(1/0.24BC×1P+1/0.254CCS+FAM)×4+1/0.254BC×1P+1/0.254BC×
3C+AL+D(1/0.254BC)+B(80/0.12AL-MG), Black PVC: 6±0.2mm
1m / 2mm
/ 3mm
2.
Connector
HDMI A Male Gold Plated
1 Pcs
3.
Connector
DVI (24+1) Male Gold Plated
4.
Screw
#4-40 UNC 2.3×45.5mm Blacl PVC
2 Pcs
5.
Molded
LD-PE
6.
Molded
45P Black PVC
-


Similar Part No. - PSG04005

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG04020 PROSIGNAL-PSG04020 Datasheet
198Kb / 1P
Audio / Video Cable Assemblies
V1.0 28/10/22
PSG04062 PROSIGNAL-PSG04062 Datasheet
213Kb / 1P
DisplayPort Male to VGA Female Adapter
V1.0 09/12/21
PSG04063 PROSIGNAL-PSG04063 Datasheet
215Kb / 1P
DisplayPort Male to HDMI Female Adapter
V1.0 09/12/21
More results

Similar Description - PSG04005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
3-TO-1 DVI/HDMI SWITCH
logo
Assmann Electronics Inc...
AB557-R ASSMANN-AB557-R Datasheet
48Kb / 1P
HDMI A - DVI-D Adapter HDMI 19pin A Male DVI-D(24 1) Male
logo
Tripp Lite. All Rights ...
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-08N TRIPPLITE-P130-08N Datasheet
155Kb / 2P
HDMI to DVI Adapter Cable (HDMI to DVI-D F/M), 8-in.
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com