Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT14NG.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74ACT14NG..
Description  Dual 1-of-4 Decoder/Demultiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT14NG.. Datasheet(HTML) 2 Page - ON Semiconductor

  MC74ACT14NG.. Datasheet HTML 1Page - ON Semiconductor MC74ACT14NG.. Datasheet HTML 2Page - ON Semiconductor MC74ACT14NG.. Datasheet HTML 3Page - ON Semiconductor MC74ACT14NG.. Datasheet HTML 4Page - ON Semiconductor MC74ACT14NG.. Datasheet HTML 5Page - ON Semiconductor MC74ACT14NG.. Datasheet HTML 6Page - ON Semiconductor MC74ACT14NG.. Datasheet HTML 7Page - ON Semiconductor MC74ACT14NG.. Datasheet HTML 8Page - ON Semiconductor MC74ACT14NG.. Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC74AC139, MC74ACT139
www.onsemi.com
2
EA0 A1
O0 O1 O2 O3
DECODER a
Figure 2. Logic Symbol
E A0 A1
O0 O1 O2 O3
DECODER b
Ea
A0a
A1a
Eb
A0b
A1b
00a
01a
02a
03a
00b
01b
02b
03b
NOTE:
This diagram is provided only for the understanding of logic
operations and should not be used to estimate propagation
delays.
Figure 3. Logic Diagram
FUNCTIONAL DESCRIPTION
The MC74AC139/74ACT139 is a high−speed dual
1−of−4 decoder/demultiplexer. The device has two
independent decoders, each of which accepts two binary
weighted inputs (A0−A1) and provides four mutually
exclusive active−LOW outputs (O0−O3). Each decoder has
an active−LOW enable (E). When E is HIGH all outputs are
forced HIGH. The enable can be used as the data input for
a 4−output demultiplexer application. Each half of the
MC74AC139/74ACT139 generates all four minterms of
two variables. These four minterms are useful in some
applications, replacing multiple gate functions as shown in
Figure 4, and thereby reducing the number of packages
required in a logic network.
E
A0
A1
E
A0
A1
E
A0
A1
E
A0
A1
E
A0
A1
E
A0
A1
E
A0
A1
E
A0
A1
O0
O0
O1
O1
O2
O2
O3
O3
Figure 4. Gate Functions (Each Half)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com