Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9352 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9352
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9352 Datasheet HTML 2Page - STMicroelectronics L9352 Datasheet HTML 3Page - STMicroelectronics L9352 Datasheet HTML 4Page - STMicroelectronics L9352 Datasheet HTML 5Page - STMicroelectronics L9352 Datasheet HTML 6Page - STMicroelectronics L9352 Datasheet HTML 7Page - STMicroelectronics L9352 Datasheet HTML 8Page - STMicroelectronics L9352 Datasheet HTML 9Page - STMicroelectronics L9352 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
L9352
6/21
Additional Diagnostic Functions channel 3 and channel 4 (regulated channels)
DCOUT
Output duty cycle range
filtered with 10ms
10
90
%
IQO3,4
Overload current
channel 3,4
VS ≥ 6.5V
2.5
5
8
A
Vrerr
Recirculation error shutdown
threshold (open D3/D4)
Iout > 50mA
45
50
60
V
PWMdOU
T
Output PWM ratio during drift
comparison
VIN3 = VIN4 = PWMIN
VTEST = H
-14.3
+14.3
%
Digital Inputs (IN1 to IN4, ENA, CLK, TEST). The valid PWM-Ratio for IN3/IN4 is 10% to 90%
VIL
Input low voltage
-0.3
1
V
VIH
Input high voltage
2
6
V
VIHy
Input voltage hysteresis(1)
20
500
mV
II
Input pull down current
VIN = 5V, VS ≥ 6.5V
820
40
µA
Digital Outputs (ST1 to ST4)
VSTL
Status output voltage in low state (2))
IST ≤ 40µA
0
0.4
V
VSTH
Status output voltage in high state (2)
IST ≥ -40µA
2.5
3.45
V
IST ≥ -120µA
23.45
V
RDIAGL
ROUT + RDSON in low state
0.3
0.64
1.5
k
Ω
RDIAGH
ROUT + RDSON in high state
1.5
3.2
7.0
k
Ω
Power Outputs (Q1 to Q4)
RDSON
Static drain-source ON-resistance
IQ = 1A; VS ≥ 9.5V
0.2
0.4
Ω
VF_250mA Forward voltage of free wheeling path
D3, D4 @250mA
ID3/4 = -250mA
0.5
1.5
V
VF_2.25A Forward voltage of free wheeling path
D3, D4 @2.25A
ID3/4 = -2.25A
2.0
4.5
V
Rsens
Sense resistor = (VF_2.25A-VF_250mA)/
2A
1
Ω
VZ
Z-diode clamping voltage
IQ ≥ 100mA
45
60
V
IPD
Output pull down current
VEN = H, VIN = L
10
150
µA
IQlk
Output leakage current
VEN = L; VQ = 20V
5
µA
Timing
tON
Output ON delay time
IQ = 1A
05
20
µs
tOFF
Output OFF delay time channel
IQ = 1A
010
30
µs
tOFFREG Output OFF delay time regulator
(3)
528
µs
tr
Output rise time
IQ = 1A
0.5
1.5
8
µs
ELECTRICAL CHARACTERISTCS: (continued)
(Vs = 4.8 to 18V; Tj = -40 to 150°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com