Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF5440BCDZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5440BCDZ-R7
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440BCDZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5440BCDZ-R7 Datasheet HTML 1Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 2Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5440BCDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
ADRF5440
Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
|
Tel: 781.935.5565
|
©2025 Analog Devices, Inc. All rights reserved.
FEATURES
Frequency range: 1GHz to 81GHz
Low insertion loss
1.9dB typical to 40GHz
3.0dB typical to 67GHz
4.0dB typical to 81GHz
High Isolation
39dB typical up to 40GHz
30dB typical up to 67GHz
20dB typical up to 81GHz
High input linearity
P0.1dB: 25dBm typical
IP3: 47dBm typical
High RF input power handling
Through path: 24dBm
Hot switching: 24dBm
No low frequency spurs
CMOS-/LVTTL-compatible
Fast on time and off time: 25ns
RF settling time (50% VCTRL to 0.1dB of final RF output): 35ns
Single-supply operation capability (VDD = 3.3V and VSS = 0V)
56-ball, 2.390mm × 2.540mm, bumped, bare die sales
APPLICATIONS
Test and instrumentation
Cellular infrastructure: 5G mmWave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5440 is a reflective, SP4T switch manufactured in the
silicon process. This switch operates from 1GHz to 81GHz with
better than 4.0dB of insertion loss and 20dB of isolation. The
ADRF5440 has an RF input power handling capability of 24dBm for
the through path and 24dBm for hot switching.
The ADRF5440 draws a current of 145µA on the positive supply of
+3.3V and 510µA on negative supply of −3.3V. The device employs
complementary metal-oxide semiconductor (CMOS)-/low voltage
transistor to transistor logic (LVTTL)-compatible controls.
The ADRF5440 can also operate with a single positive supply volt-
age (VDD) applied while the negative supply voltage (VSS) is tied
to ground. The small signal performance is maintained while the
switching characteristics, linearity, and power handling performance
is derated. See Table 2 for more details.
The ADRF5440 RF ports are designed to match a characteristic im-
pedance of 50Ω. The ADRF5440 is 56-ball, 2.390mm × 2.540mm,
bumped bare die sales and can operate from −40°C to +105°C.


Similar Part No. - ADRF5440BCDZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5448 AD-ADRF5448 Datasheet
916Kb / 14P
Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5448BCZ AD-ADRF5448BCZ Datasheet
916Kb / 14P
Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5448BCZ-GP AD-ADRF5448BCZ-GP Datasheet
916Kb / 14P
Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5448BCZ-SX AD-ADRF5448BCZ-SX Datasheet
916Kb / 14P
Die on Carrier, Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results

Similar Description - ADRF5440BCDZ-R7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS4306-FC TRIQUINT-TGS4306-FC Datasheet
277Kb / 11P
70-90 GHz SP4T Switch Flip Chip
TGS4306-FC TRIQUINT-TGS4306-FC_15 Datasheet
277Kb / 11P
70-90 GHz SP4T Switch Flip Chip
logo
Pasternack Enterprises,...
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
SP4T Switch
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5047 AD-ADRF5047 Datasheet
552Kb / 15P
Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
11/2019-Revision 0
ADRF5044 AD-ADRF5044 Datasheet
476Kb / 14P
100 MHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
9 kHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com