Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7918AC Datasheet(PDF) 2 Page - STMicroelectronics

Part # L7918AC
Description  2% NEGATIVE VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7918AC Datasheet(HTML) 2 Page - STMicroelectronics

  L7918AC Datasheet HTML 1Page - STMicroelectronics L7918AC Datasheet HTML 2Page - STMicroelectronics L7918AC Datasheet HTML 3Page - STMicroelectronics L7918AC Datasheet HTML 4Page - STMicroelectronics L7918AC Datasheet HTML 5Page - STMicroelectronics L7918AC Datasheet HTML 6Page - STMicroelectronics L7918AC Datasheet HTML 7Page - STMicroelectronics L7918AC Datasheet HTML 8Page - STMicroelectronics L7918AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CONNECTION DIAGRAM AND ORDERING NUMBERS (top view)
TO-220
D
2PAK
THERMAL DATA
Symbol
Parameter
D
2PAK
TO-220
Unit
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3
62.5
3
50
oC/W
oC/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage (for VO = -5 to -18V)
(for VO = -20, -24V)
-35
-40
V
V
Io
Output Current
I nternally limited
Ptot
Power Dissipation
I nternally limited
Top
Operating Junction Temperature Range
0 to 125
o C
Tstg
Storage Temperature Range
- 65 to 150
o C
Type
TO-220
D
2PAK (*)
Output Voltage
L7905AC
L7952AC
L7906AC
L7908AC
L7912AC
L7915AC
L7918AC
L7920AC
L7922AC
L7924AC
L7905ACV
L7952ACV
L7906ACV
L7908ACV
L7912ACV
L7915ACV
L7918ACV
L7920ACV
L7922ACV
L7924ACV
L7905ACD2T
L7952ACD2T
L7906ACD2T
L7908ACD2T
L7912ACD2T
L7915ACD2T
L7918ACD2T
L7920ACD2T
L7922ACD2T
L7924ACD2T
-5V
-5.2V
-6V
-8V
-12V
-15V
-18V
-20V
-22V
-24V
(*) AVAILABLE IN TAPE AND REEL WITH ”-TR” SUFFIX
APPLICATION CIRCUIT
L7900AC
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com