Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCQ Datasheet(PDF) 21 Page - ON Semiconductor

Part # FSCQ
Description  Green Mode Fairchild Power Switch (FPS™)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSCQ Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FSCQ Datasheet HTML 17Page - ON Semiconductor FSCQ Datasheet HTML 18Page - ON Semiconductor FSCQ Datasheet HTML 19Page - ON Semiconductor FSCQ Datasheet HTML 20Page - ON Semiconductor FSCQ Datasheet HTML 21Page - ON Semiconductor FSCQ Datasheet HTML 22Page - ON Semiconductor FSCQ Datasheet HTML 23Page - ON Semiconductor FSCQ Datasheet HTML 24Page - ON Semiconductor FSCQ Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ-Series
• Rev. 1.1.3
20
FSCQ0565RT Typical Application Circuit (Continued)
EER3540
N24V
Na
7
13
14
15
16
17
18
N125V/2
N12V
N18V
Np1
Np2
1
2
3
4
5
6
8
9
10
11
12
N125V/2
N125V/2
Np2
N12V
N125V/2
N24V
Np1
N18V
Na
Figure 40.
Transformer Schematic Diagram
Winding Specification
No
Pin (s→f)
Wire
Turns
Winding Method
Np1
1
–3
0.5
φ × 1
32
Center Winding
N125V/2
16
–15
0.5
φ × 1
32
Center Winding
N24V
18
–17
0.4
φ × 2
13
Center Winding
N12V
12
–13
0.5
φ × 2
7
Center Winding
Np2
3
–4
0.5
φ × 1
32
Center Winding
N125V/2
15
–14
0.5
φ × 1
32
Center Winding
N18V
11
–10
0.4
φ × 2
10
Center Winding
Na
7
–6
0.3
φ × 1
20
Center Winding
Electrical Characteristics
Pin
Specification
Remarks
Inductance
1
–3
740
μH ±5%
1 kHz, 1 V
Leakage Inductance
1
–3
10
μH Max.
2nd all short
Core & Bobbin
 Core: EER3540
 Bobbin: EER3540
 Ae: 107 mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com