Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WILCS02 Datasheet(PDF) 39 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 39 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 35Page - Microchip Technology WILCS02 Datasheet HTML 36Page - Microchip Technology WILCS02 Datasheet HTML 37Page - Microchip Technology WILCS02 Datasheet HTML 38Page - Microchip Technology WILCS02 Datasheet HTML 39Page - Microchip Technology WILCS02 Datasheet HTML 40Page - Microchip Technology WILCS02 Datasheet HTML 41Page - Microchip Technology WILCS02 Datasheet HTML 42Page - Microchip Technology WILCS02 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 39
Figure 3-8. Transmit Power vs Channel, 1Mbps, 3.3V, 25
℃
0
5
10
15
20
25
1
3
5
7
9
11
13
Channel
Figure 3-9. RSSI vs Received Signal Power, MCS7, Channel7, 3.3V, 25
℃
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
-72
-67.5
-62
-57
-52.5
-46.5
-41.5
-36.5
-31
-27
-22
-17
-12
-7
Received Signal Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com