Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS3030CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3030CT
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3030CT Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3030CT Datasheet HTML 1Page - STMicroelectronics STPS3030CT Datasheet HTML 2Page - STMicroelectronics STPS3030CT Datasheet HTML 3Page - STMicroelectronics STPS3030CT Datasheet HTML 4Page - STMicroelectronics STPS3030CT Datasheet HTML 5Page - STMicroelectronics STPS3030CT Datasheet HTML 6Page - STMicroelectronics STPS3030CT Datasheet HTML 7Page - STMicroelectronics STPS3030CT Datasheet HTML 8Page - STMicroelectronics STPS3030CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS3030CT/CG/CR
4/9
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
5
10
15
20
25
30
VR(V)
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
IR(mA)
0.1
1.0
10.0
1
10
100
VR(V)
F=1MHz
V
osc=30mV
T
j=25°C
C(nF)
Figure 9.
Forward voltage drop versus
forward current
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab (epoxy printed board
FR4, Cu = 35 µm)
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
(V)
FM
T
j=25°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Typical values)
T
j=125°C
(Typical values)
IFM(A)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(cm²)
D²PAK
Rth(j-a)(°C/W)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com