Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS1545 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1545
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1545 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1545 Datasheet HTML 1Page - STMicroelectronics STPS1545 Datasheet HTML 2Page - STMicroelectronics STPS1545 Datasheet HTML 3Page - STMicroelectronics STPS1545 Datasheet HTML 4Page - STMicroelectronics STPS1545 Datasheet HTML 5Page - STMicroelectronics STPS1545 Datasheet HTML 6Page - STMicroelectronics STPS1545 Datasheet HTML 7Page - STMicroelectronics STPS1545 Datasheet HTML 8Page - STMicroelectronics STPS1545 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2016
DocID3504 Rev 7
1/13
This is information on a product in full production.
www.st.com
STPS1545
Power Schottky rectifier
Datasheet - production data
Features
Very small conduction losses
Negligible switching losses
Extremely fast switching
Insulated package: TO-220FPAC, insulating
voltage = 2000 VRMS sine
Avalanche capability specified
ECOPACK®2 compliant component for
D²PAK on demand
Description
Single chip Schottky rectifier suited for switch
mode power supply and high frequency DC to
DC converters.
Packaged in TO-220AC, TO-220FPAC or D²PAK,
this device is intended for use in low voltage, high
frequency inverters, free wheeling and polarity
protection applications.
Table 1: Device summary
Symbol
Value
IF(AV)
15 A
VRRM
45 V
Tj (max.)
175 °C
VF (typ.)
0.5 V
K
A
K
K
NC
NC
A
A
TO-220AC
D2PAK
A
K
TO-220FPAC
K
A
K


Similar Part No. - STPS1545

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1545 STMICROELECTRONICS-STPS1545 Datasheet
89Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS1545 STMICROELECTRONICS-STPS1545 Datasheet
522Kb / 13P
Power Schottky rectifier
17-Oct-2016
logo
Inchange Semiconductor ...
STPS1545 ISC-STPS1545 Datasheet
232Kb / 2P
Power Schottky Rectifier
logo
STMicroelectronics
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
Automotive power Schottky rectifier
29-Oct-2012
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
179Kb / 8P
Automotive power Schottky rectifier
02-May-2016
More results

Similar Description - STPS1545

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com