Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD220T-50-R050FZ Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PSD220T-50-R050FZ
Description  SMD Power Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSD220T-50-R050FZ Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PSD220T-50-R050FZ Datasheet HTML 1Page - Bourns Electronic Solutions PSD220T-50-R050FZ Datasheet HTML 2Page - Bourns Electronic Solutions PSD220T-50-R050FZ Datasheet HTML 3Page - Bourns Electronic Solutions PSD220T-50-R050FZ Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Riedon™ PSD220T-50 Series – SMD Power Resistors by Bourns
Current Rating Thermal Derating Curve
These resistors must be attached to a suitable heat sink. The maximum
internal resistor temperature is +155 °C.
120
100
80
60
40
20
0
25
85
50
100
115
130
145
155
TEMPERATURE OF THE BACKPLATE (°C)
Temperature Coefficient
7000
2000
-3000
-8000
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
100 PPM/°C
50 PPM/°C
How To Order
PSD220T - 50 - R050 F T
Model
PSD220T
Power Rating
50 = 50 W
Resistance Value Code
<100 Ω: “R” represents decimal point
(example: R050 = 0.05 Ω, 5R00 = 5.00 Ω,
92R0 = 92 Ω)
≥100 Ω: First three digits are significant,
fourth digit represents number of zeros to follow
(example: 2000 = 200 Ω, 3002 = 30 KΩ)
Resistance Tolerance
F = ±1 %
G = ±2 %
J = ±5 %
TCR (PPM/°C)
W = ±600
T = ±300
X = ±100
Z = ±50 (For ≥0.1 Ω resistance, available upon request)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers
as set forth on the last page of this document, and at www.bourns.com/docs/legal/
disclaimer.pdf.
Packaging Information
Tube.................................................................................50 pcs. per tube
Typical Part Marking
PSD220T-50
10R0 1%
MANUFACTURER’S
TRADEMARK
POWER RATING
MODEL
RESISTANCE CODE:
“R” REPRESENTS
DECIMAL POINT
(EXAMPLES: R050 = 0.05 Ω,
10R0 = 10 Ω)
RESISTANCE
TOLERANCE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com