Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD220S-50-R005FV Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PSD220S-50-R005FV
Description  Riedon™ SMD Power Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSD220S-50-R005FV Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PSD220S-50-R005FV Datasheet HTML 1Page - Bourns Electronic Solutions PSD220S-50-R005FV Datasheet HTML 2Page - Bourns Electronic Solutions PSD220S-50-R005FV Datasheet HTML 3Page - Bourns Electronic Solutions PSD220S-50-R005FV Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PSD220S Series – Riedon™ SMD Power Resistors by Bourns
Features
n
Formerly a Riedon™ product
n
Resistance values as low as 0.02 Ω
n
Power rating up to 50 W
n
Load stability to ±0.5 %
n
TO-220 SMD D2Pak
n
Thick film technology
n
RoHS compliant*
Applications
n
Power supplies
n
Stepper motor drives
n
Input amplifiers
Electrical Characteristics
Bourns Model
Power Rating
@ 70 ℃
Resistance
Range
(Ω)
Tolerance
(%)
TCR
(PPM/°C)
Thermal
Resistance
Dielectric
Strength
PSD220S-30
Heat sink
Free air
30 W
1.5 W
0.02 to 0.049
±2
±5
±600
3.5 K/W
2000 VDC
0.05 to 0.099
±300
0.1 to 1.0
±1
±2
±5
±100
(±50 available on
request)
1.0 to 100K
PSD220S-50
Heat sink
Free air
50 W
1.5 W
0.02 to 0.049
±2
±5
±600
2.1 K/W
1500 VDC
0.05 to 0.099
±300
0.1 to 1.0
±1
±2
±5
±100
(±50 available on
request)
1.0 to 15K
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Additional Information
Click these links for more information:
Environmental Characteristics
Specification
Value
Operating Temperature
-40 °C to +155 °C
Maximum Working Voltage
√P*R with a maximum of 1000 V
Storage Conditions
Temperature
Humidity
+5 °C to +35 °C
40 % to 75 %
Moisture Sensitivity Level
1
Performance Characteristics
Test
Conditions
Test Method
Reference
Limit
Load Life
1000 hours, ON/OFF with rated power at +25 ℃ MIL-STD-202 Method 108
ΔR < ±1 %
High Temperature Exposure
+155 °C for 1000 hours
MIL-STD-202 Method 303
ΔR < ±1 %
Low Temperature Storage
-40 ℃ for 24 hours
MIL-STD-202 Method 303
ΔR < ±1 %
Thermal Shock
-40 °C to +130 ℃, 5 cycles
MIL-STD-202 Method 107
ΔR < ±1 %
Humidity Resistance
+40 ℃ / 90 % for 240 hours
MIL-STD-202 Method 103
ΔR < ±1 %
Resistance to Solder Heat
Solder dipping at 260 ℃ for 10 sec.
MIL-STD-202 Method 210
ΔR < ±1 %
Short Time Overload
2.5x rated power for 5 sec.
MIL-STD-202 Method 303
ΔR < ±1 %
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
CALIFORNIA WARNING: Can expose you to lead, a carcinogen and reproductive toxicant.
See www.P65Warnings.ca.gov


Similar Part No. - PSD220S-50-R005FV

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PSD220T-50 BOURNS-PSD220T-50 Datasheet
600Kb / 4P
SMD Power Resistors by Bourns
12/25
PSD220T-50-2000FT BOURNS-PSD220T-50-2000FT Datasheet
600Kb / 4P
SMD Power Resistors by Bourns
12/25
PSD220T-50-2000FW BOURNS-PSD220T-50-2000FW Datasheet
600Kb / 4P
SMD Power Resistors by Bourns
12/25
PSD220T-50-2000FX BOURNS-PSD220T-50-2000FX Datasheet
600Kb / 4P
SMD Power Resistors by Bourns
12/25
PSD220T-50-2000FZ BOURNS-PSD220T-50-2000FZ Datasheet
600Kb / 4P
SMD Power Resistors by Bourns
12/25
More results

Similar Description - PSD220S-50-R005FV

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
NPS2-T126 RIEDON-NPS2-T126 Datasheet
278Kb / 2P
Power SMD Resistors
logo
Tyco Electronics
35201K0JT MACOM-35201K0JT Datasheet
129Kb / 2P
SMD Power Resistors
logo
Bourns Electronic Solut...
CR00201-FW-8252ELF BOURNS-CR00201-FW-8252ELF Datasheet
312Kb / 8P
Bourns Chip Resistors and Arrays
logo
Riedon Powertron
NPS2-T126 RIEDON-NPS2-T126_13 Datasheet
177Kb / 2P
Power SMD Resistors
logo
List of Unclassifed Man...
3521470RFT ETC2-3521470RFT Datasheet
105Kb / 2P
SMD Power Resistors
3521330KFT ETC2-3521330KFT Datasheet
105Kb / 2P
SMD Power Resistors
logo
Riedon Powertron
NPS2-T126 RIEDON-NPS2-T126_16 Datasheet
180Kb / 2P
Power SMD Resistors
NPS2T-10RF1 RIEDON-NPS2T-10RF1 Datasheet
180Kb / 2P
Power SMD Resistors
NPS2T-100RF1 RIEDON-NPS2T-100RF1 Datasheet
180Kb / 2P
Power SMD Resistors
NPS2T-10KF1 RIEDON-NPS2T-10KF1 Datasheet
180Kb / 2P
Power SMD Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com