Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8181237 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8181237
Description  Pressure sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8181237 Datasheet(HTML) 2 Page - Festo Corporation.

  8181237 Datasheet HTML 1Page - Festo Corporation. 8181237 Datasheet HTML 2Page - Festo Corporation. 8181237 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Output characteristic curve initial value
0 V
End value output characteristic curve
10 V
Precision analog output in ± %FS
1.5 %FS
Linearity error in ± % FS
0.3 %FS
Rise time
6 ms
Min. load resistance of voltage output
20 kOhm
Display range start value
0 %FS
Display range end value
100 %FS
Short-circuit protection
yes
Protocol
IO-Link®
IO-Link, revision ID
V1.1
IO-Link, device profile
Firmware update
Function Locator
Function Product URI
Function Quantity detection
Smart Sensor - SSP 4.1.1
IO-Link, transmission rate
COM3
IO-Link®, SIO mode support
Yes
IO-Link, port type
Class A
IO-Link, process data length output
0 bit
IO-Link, process data length input
32 bit
IO-Link®, process data content IN
Pressure measured value 16 bit MDC
Flow rate monitoring 2-bit SSC
IO-Link®, service data contents IN
Temperature 16 bit
IO-Link®, minimum cycle time
0.9 ms
IO-Link®, data memory required
500 byte
DC operating voltage range
15 V ... 30 V
Reverse polarity protection
for all electrical connections
Electrical connection 1, connection type
Plug
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection 1, number of pins/wires
4
Electrical connection 1, type of mounting
Screw-type lock
not rotatable
Electrical connection 1, type of mounting
Compatible with rotatable screw-type lock
Electrical connection for input 1, connection pattern
00995386
Material of plug housing
Brass, nickel-plated
Type of mounting
With external thread
With accessories
Mounting position
Any
Pneumatic connection
External thread G1/8
Product weight
45 g
Housing material
PA-reinforced
Materials in contact with the media
Stainless steel
NBR
PA-reinforced
Display type
Illuminated LCD blue
Displayable unit(s)
MPa
bar
kPa
psi
Ready status indication
through backlighting
Setting options
IO-Link®
Teach-in
Via display and pushbuttons
Protection against tampering
IO-Link®
PIN code
Setting range threshold value
0 % ... 100 %
1/21/26 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com