Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFC2010-R009FT5 Datasheet(PDF) 3 Page - TT Electronics.

Part # MFC2010-R009FT5
Description  Metal Foil on Ceramic Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MFC2010-R009FT5 Datasheet(HTML) 3 Page - TT Electronics.

  MFC2010-R009FT5 Datasheet HTML 1Page - TT Electronics. MFC2010-R009FT5 Datasheet HTML 2Page - TT Electronics. MFC2010-R009FT5 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Metal Foil on Ceramic Chip Resistors
MFC Series
10.20
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Mounting Recommendations
Size
Resistance Value
L
a
b
0402
10- 50
0.5
0.6
0.5
0603
3- 4
0.4
1
1.2
5- 9
0.6
1.1
10- 100
0.5
0.9
1
0805
3- 4
0.5
1.4
1.35
5- 9
0.8
1.2
10- 100
1.3
1.3
1206
3- 4
0.8
1.8
1.8
5- 9
1.8
1.3
10- 100
1.5
1.7
1.4
2010
3- 9
1.6
2.9
2.4
10- 100
2.7
1.8
2512
2- 4
1
3.4
3.5
5- 200
3.8
2.1
Packaging
MFC0402 is packed on 8mm paper tape at 2mm component pitch. MFC0603, 0805 & 1206 are packed on 8mm paper tape at 4mm component pitch.
MFC2010 & 2512 are packed on 12mm plastic tape at 4mm component pitch. All sizes are on 178mm diameter reels.
Low Resistance Metal Alloy Resistor
LRMA Series
Temperature Derating
0%
20%
40%
60%
80%
100%
-30
20
70
120
170
Ambient Temperature (°C)
Typical Temperature Rise
0
20
40
60
80
100
120
0%
20%
40%
60%
80%
100%
Proportion of Pr
Joint
Hot spot
Construction
Marking
The components are marked with ohmic value, e.g. “R002” = 2mΩ, “R010” = 10 mΩ.
Solvent Resistance
The
Due to space restrictions, for LRMAM1206-R001, "01" = 1mΩ is used, and for LRMAM0805,
“2” = 2mΩ, “010” = 10 mΩ are used.
component is resistant to all normal industrial cleaning solvents suitable for printed circuits.
Performance Data
Maximum (%)
Typical (%)
Load at rated power (cyclic load, 1000 hours at 70°C)
±∆R
0805: 1.5 Others 1
0805: 1 Others 0.5
0805: 1 Others 0.5
0805: 1.5 Others 0.5
0805: 1 Others 0.5
0.3
Short term overload (5 x rated power for 5s)
±∆R
0.5
0.15
Humidity (1000 hours, 85°C, 85%RH)
±∆R
0.15
Temperature cycle (-40 to +125°C, 1000 cycles, 15 minute dwell)
±∆R
0.15
Resistance to solder heat (260°C ±5°C for 20s ±1s)
±∆R
0.5
0.3
Solderability (245°C ±5°C for 2s ±0.5s)
>95% coverage
Dry heat (1000 hours at 170°C)
±∆R
0.3
Low temperature storage (1000 hours at -55°C)
±∆R
0.5
0.15
Substrate bending (board 1.6mm, fulcrum spacing 90mm, deflection 2mm)
±∆R
0.3
Insulation resistance (1 minute @ 100Vdc)
>100M
Thermal Performance & Mounting
Copper electrode with
nickel then tin plating
Coating (UL94-V0)
Low TCR
resistance alloy plate
The temperature rise shown is highly
dependent on mounting conditions.
Reference conditions assume 20
copper with thermal vias to multiple
layers.
The self-heating in the current tracks
should be kept negligible, or allowed
for by temperature derating.
Sense
Current
L
b
a
Standard 4-terminal probe pitches for measuring unmounted parts are 2.8 x 1.7mm (0612), 0.4 x 1.83mm (0805),
0.4 x 2.8mm (1206), 1.2 x 4.5mm (2010), 1.5 x 5.8mm (2512), and 5.4 x 3.4mm (1225). All probe location tolerances
±0.02mm.
Reference Pad Dimensions (mm)
Size
a
b
L
1206
1.8
1.8
1.7
2.3
1.6
1.0
1.4
3.8
0.7
0.7
1.2
1.15
3.4
3.5
1.5
0815
2010
0805
0612
7.9
1.5
0.9
2512 ≤R0031
<R002
1206 ≥R002
4.0
3.1
1.3
2512 >R0031
4.0
2.1
4.1
1225
7.0
1.0
2.3
Note 1 - This applies to LRMAT2512 and LRMAM2512. For LRMAP2512 this threshold is R004
General Note
TT Electronics reserves the right to make changes in product specifica�on without no�ce or liability.
All informa�on is subject to TT Electronics’ own data and is considered accurate at �me of going to print.
BI Technologies IRC Welwyn
h�ps://www.�electronics.com/resistors
© TT Electronics plc
Metal Foil on Ceramic
Chip Resistors
MFC Series
Resistors
Moun�ng Recommenda�ons
Size
Resistance Value
L
a
b
0402
10 - 50
0.5
0.6
0.5
0603
3 - 4
0.4
1
1.2
5 - 9
0.6
1.1
10 - 100
0.5
0.9
1
0805
3 - 4
0.5
1.4
1.35
5 - 9
0.8
1.2
10 - 100
1.3
1.3
1206
3 - 4
0.8
1.8
1.8
5 - 9
1.8
1.3
10 - 100
1.5
1.7
1.4
2010
3 - 9
1.6
2.9
2.4
10 - 100
2.7
1.8
2512
2 - 4
1
3.4
3.5
5 - 200
3.8
2.1
Packaging
MFC0402 is packed on 8mm paper tape at 2mm component pitch. MFC0603, 0805 & 1206 are packed on 8mm paper tape at 4mm component
pitch. MFC2010 & 2512 are packed on 12mm plas�c tape at 4mm component pitch. All sizes are on 178mm diameter reels.
Ordering Procedure
Example: MFC0603-R005FT5 (0603, 5 milliohms ±1%, Pb-free)
M F
C
0
6
0
3
-
R
0
0
5
F
T
5
1
2
3
4
5
1
2
3
4
5
Type Size
Value
Tolerance
Packing
MFC 0402
E24
3/4 characters
R = ohms
D = ±0.5% T10
0402
10,000/reel
0603
F = ±1%
T5 0603 to 1206 5000/reel
0805
T4
2010, 2512
4000/reel
1206
2010
2512
USE SAME IMAGE AS ON LRMA
J =
G = ±2%
±5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com