Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUNCH-ROD Datasheet(PDF) 126 Page - TE Connectivity Ltd

Part # PUNCH-ROD
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PUNCH-ROD Datasheet(HTML) 126 Page - TE Connectivity Ltd

Back Button PUNCH-ROD Datasheet HTML 122Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 123Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 124Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 125Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 126Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 127Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 128Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 129Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 130Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 126
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Sealing plug, natural
770678-1
AMPSEAL 16
Sealing plug, yellow, standard dia. cavity
776363-1
Sealing plug, white, reduced dia. cavity
776364-1
Circular DIN
Cavity plug, up to 3.0 mm, natural
828922-1
Cavity plug, up to 3.0 mm, green
828922-2
Cavity plug, up to 3.7 mm, natural
828986-1
DEUTSCH
Sealing plug, sz. 4
114019
Sealing plug, sz. 8
114018
Sealing plug, sz. 12-16
114017
Sealing plug, sz. 16, locking
0413-217-1605
Sealing plug, sz. 16, STRIKE Series
0413-003-1605
Sealing plug, sz. 20
0413-204-2005
HDSCS/LEAVYSEAL
Cavity plug, 1.5K, 3.6 mm wire, white
963531-1
Cavity plug, 1.5K, 3.6 mm wire, natural
1394132-1
Cavity plug, 2.8, 5.6 mm wire, natural
828922-1
Cavity plug, 2.8, 5.6 mm wire, green
828922-2
Cavity plug, 6.3/4.8K, 8.5 mm wire, transparent
967652-1
SUPERSEAL 1.0
Sealing plug, 1.0 mm, white
4-1437284-3
SEALS
Replacement environmental seals
Circular DIN
Wire seal, Circular DIN, 1.2-2.1 FLR ins., gray
828920-1
Wire seal, Circular DIN, 2.2-3.0 FLR ins., violet
828921-1
DRC Series
Seal, flange, DRC13, 70 way, recept.
0510-011-7006
Seal, flange, DRC13, 24 way, recept.
0513-042-2406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com