Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUNCH-ROD Datasheet(PDF) 77 Page - TE Connectivity Ltd

Part # PUNCH-ROD
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PUNCH-ROD Datasheet(HTML) 77 Page - TE Connectivity Ltd

Back Button PUNCH-ROD Datasheet HTML 73Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 74Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 75Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 76Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 77Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 78Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 79Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 80Page - TE Connectivity Ltd PUNCH-ROD Datasheet HTML 81Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 77
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Plug, HD30, 24 shell, 23 way, T seal, reverse, adapter
HD36-24-23PT-072
N/A
16
Plug, HD30, 24 shell, 23 way, E seal
HD36-24-23SE
N/A
16
Plug, HD30, 24 shell, 23 way, E seal, cable clamp
HD36-24-23SE-059
N/A
16
Plug, HD30, 24 shell, 23 way, E seal, adapter
HD36-24-23SE-072
N/A
16
Plug, HD30, 24 shell, 23 way, N seal
HD36-24-23SN
N/A
16
Plug, HD30, 24 shell, 23 way, N seal, cable clamp
HD36-24-23SN-059
N/A
16
Plug, HD30, 24 shell, 23 way, N seal, adapter
HD36-24-23SN-072
N/A
16
Plug, HD30, 24 shell, 23 way, T seal
HD36-24-23ST
N/A
16
Plug, HD30, 24 shell, 23 way, T seal, cable clamp
HD36-24-23ST-059
N/A
16
Plug, HD30, 24 shell, 23 way, T seal, adapter
HD36-24-23ST-072
N/A
HDB Series
16
Plug, HDB30, 24 shell, 23 way, E seal, reverse, breakaway
HDB36-24-23PE
N/A
16
Plug, HDB30, 24 shell, 23 way, E seal, reverse, breakaway, cable clamp
HDB36-24-23PE-059
N/A
16
Plug, HDB30, 24 shell, 23 way, N seal, reverse, breakaway
HDB36-24-23PN
N/A
16
Plug, HDB30, 24 shell, 23 way, N seal, reverse, breakaway, cable clamp
HDB36-24-23PN-059
N/A
16
Plug, HDB30, 24 shell, 23 way, T seal, reverse, breakaway
HDB36-24-23PT
N/A
16
Plug, HDB30, 24 shell, 23 way, T seal, reverse, breakaway, cable clamp
HDB36-24-23PT-059
N/A
16
Plug, HDB30, 24 shell, 23 way, N seal, breakaway
HDB36-24-23SN
N/A
16
Plug, HDB30, 24 shell, 23 way, N seal, breakaway, cable clamp
HDB36-24-23SN-059
N/A
HDN Series
16
Plug, HDN, 24 shell, 23 way, N seal, non-env., std. insert marking identification
HDN36-24-23SN-
C003
N/A
16
Plug, HDN, 24 shell, 23 way, N seal, non-env., reverse insert marking identification
HDN36-24-23SN-
F001
N/A
HDP20 Series
16
Recept., HDP20, 24 shell, 23 way, black, E seal
HDP24-24-23PE
N/A
16
Recept., HDP20, 24 shell, 23 way, black, E seal, threaded adapter
HDP24-24-23PE-L015
N/A
16
Recept., HDP20, 24 shell, 23 way, black, E seal, ring adapter
HDP24-24-23PE-L017
N/A
16
Recept., HDP20, 24 shell, 23 way, black, E seal, wide threaded adapter
HDP24-24-23PE-L024
N/A
16
Recept., HDP20, 24 shell, 23 way, black, N seal
HDP24-24-23PN
N/A
16
Recept., HDP20, 24 shell, 23 way, black, N seal, threaded adapter
HDP24-24-23PN-L015
N/A
16
Recept., HDP20, 24 shell, 23 way, black, N seal, ring adapter
HDP24-24-23PN-L017
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com