Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFCT Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # DFCT
Description  Panduct® Type TNC – Low-Smoke, Halogen-Free, Slotted Wall Wiring Duct
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

DFCT Datasheet(HTML) 2 Page - PANDUIT CORP.

  DFCT Datasheet HTML 1Page - PANDUIT CORP. DFCT Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Panduit Corp.
ALL RIGHTS RESERVED.
Printed in the U.S.A.
WDSP25--SA-ENG
Replaces SA-WDSP24
1/2013
Panduct® Type TNC – Low-Smoke, Halogen-Free, Slotted Wall Wiring Duct
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
Dimensions shown are for reference only. Dimensions above are mm (inches). Duct and divider wall supplied in
two meter length.
*Mounting hole pattern according to DIN 43659.
For 75mm and 100mm height duct
For 37mm and 50mm height duct
For 25mm, 37mm and 50mm width duct*
For 75mm and 100mm width duct*
Divider wall for 50mm and 75mm
height duct
PPE + HIPS (Polyphenylene Ether + High Impact Polystyrene)
C
T
C
T
B
H
D
A
B
H D
A
25.0 [0.98] TYP
25.0 [0.98] TYP
14.0 [0.55]
8.0 [0.32]
6.5 [0.26]
14.0 [0.55]
12.5 [0.49]
8.0 [0.32]
6.5 [0.26]
50.0
[1.97]
2.0
[0.08]
1.5
[0.06]
25.0
[0.98]
4.5 [0.18]
50.0
[1.97]
25.0
[0.98]
25.0
[0.98]
25.0
[0.98]
4.5 [0.18]
12.5 [0.49]
10.0 [0.39] TYP
10.0 [0.39] TYP
40.2 [1.58]
64.9 [2.55]
19.1 [0.75]
19.1 [0.75]
Duct Part
Number
Nominal Size
W x H mm (in.)
Dimensions - mm (In.)
A
B
CDH
T
TNC25X37LG2
25 x 37 (1 x 1.5)
24.6 (0.97) 35.8 (1.41) 24.6 (0.97) 24.7 (0.97) 33.0 (1.30)
1.7 (0.07)
TNC25X75LG2
25 x 75 (1 x 3)
24.6 (0.97) 72.4 (2.85) 24.6 (0.97) 57.6 (2.27) 70.5 (2.78)
2.0 (0.08)
TNC37X37LG2
37 x 37 (1.5 x 1.5) 37.1 (1.46) 35.8 (1.41) 37.1 (1.46) 24.7 (0.97) 33.0 (1.30)
1.8 (0.07)
TNC37X75LG2
37 x 75 (1.5 x 3)
37.1 (1.46) 72.4 (2.85) 37.1 (1.46) 57.6 (2.27) 70.5 (2.78)
2.0 (0.08)
TNC50X50LG2
50 x 50 (2 x 2)
49.6 (1.95) 47.8 (1.88) 49.6 (1.95) 34.8 (1.37) 45.5 (1.79)
2.0 (0.08)
TNC75X75LG2
75 x 75 (3 x 3)
74.6 (2.94) 72.4 (2.85) 74.6 (2.94) 57.6 (2.27) 70.5 (2.78)
2.0 (0.08)
TNC100X50LG2 100 x 50 (4 x 2)
99.6 (3.92) 47.8 (1.88) 99.6 (3.92) 34.8 (1.37) 45.5 (1.79)
2.0 (0.08)
TNC100X75LG2 100 x 75 (4 x 3)
99.6 (3.92) 72.4 (2.85) 99.6 (3.92) 57.6 (2.27) 70.5 (2.78)
2.5 (0.10)
TNC Wiring Duct Material (PPE+HIPS)
Properties
General
Test Method
Specific Gravity
1.11 g/cc
ASTM D 792
Heat Deflection
Temperature @264 psi
106°C
223°F
ASTM D 648
Flame/Smoke/Toxicity
Smoke Density (Flaming)
@ 1.5 and 4 min.
Ds @ 1.5 min = 16
Ds @ 4.0 min = 66
ASTM E 662
Flammability Class
V-0
UL94
Flame Spread Index
Is =15
ASTM E 162
Total Heat Release
66.21 MJ/m2
ASTM E1354
Low Toxicity
Yes
BSS 7239
TNC Wiring Duct Material (PPE+HIPS)
Properties
Mechanical
Test Method
Tensile Strength at Yield
8,100 psi
ASTM D 638
Tensile Modulus
355,000 psi
ASTM D 638
Flexural Strength at Yield
11,500 psi
ASTM D 790
Flexural Modulus
340,000 psi
ASTM D 790
Notched Izod Impact Strength
@ 23°C (73°F)
3.7 ft-lb/in.
ASTM D 256
Regional Standards
NFPA 130 (U.S. Standard for
Fixed Guideway Transit and
Passenger Rail Systems)
Pass
(ls<35, Ds1.5<100,
Ds4<200)
ASTM E 162;
ASTM E 662
DIN 5510 (Preventative fire
protection in railway vehicles)
Burning class: S-4
Smoke class: SR-2
Dripping class: ST-2
DIN 5510-2; DIN
54837
NF F16 101, NF F 16 102
(smoke density, toxicity, glowing
filament, oxygen index)
F1/I4
NF X 1-702
NF X 70-100
NF EN 60695-2
NF EN ISO 4589-2
UNIFER
Italian Railway Standard
Pass
EN UNI 11925-2
(EN ISO 11925-2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com