Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI080900 Datasheet(PDF) 3 Page - Multicomp Pro

Part # PI080900
Description  Piano Key - Short & Long Actuator DIL Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PI080900 Datasheet(HTML) 3 Page - Multicomp Pro

  PI080900 Datasheet HTML 1Page - Multicomp Pro PI080900 Datasheet HTML 2Page - Multicomp Pro PI080900 Datasheet HTML 3Page - Multicomp Pro PI080900 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Piano Key - Short & Long Actuator
DIL Switches
Page 3
31/05/05 V1.0
Item
Description
Test Conditions
Requirements
Mechanical Performance:
12
Seal (Washable)
The switch is placed at a depth of 5cm in fluorocarbon FC-
40 for 1 minute 50°C.
1.Visually monitor the successive
bubbling distance within 25mm.
2. As shown in item 2 to 6.
Seal Characteristics : (It is not necessary to apply this kind of test for non-washable series).
1. Do not wash immediately after soldering, do it after returning the switches back to thermal temperature.
2. Do not apply external force to the switch during washing.
3. The switch cannot be used where subject to direct contact with water (except for cleaning processing).
Durability
13
Operation Life
Measurements shall be made following the test set forth
below:
1. 25mA, 24V dc resistive load.
2. Rate of operation : 15 to 20 cycles/minute.
3. Cycle of operation : 200 cycles.
1. As shown in item 3 and 4.
2. Contact resistance : 50m
Ω
maximum (final-after test).
Weather Proof
14
Resistance Low
Temperature
Following the test set forth below the sample shall be left in
normal temperature and humidity conditions for an hour
before measurements are made :
1. Temperature : -40 ±3°C
2. Time
: 96 hours
As show in item 2 to 6.
15
Resistance High
Temperature
Following the test set forth below the sample shall be left in
normal temperature and humidity conditions for an hour
before measurements are made :
1. Temperature : 85 ±2°C
2. Time
: 96 hours
1. As show in item 3 to 6.
2. Contact resistance : 50m
Ω
maximum (final-after test).
16
Resistance Humidity
Following the test set forth below the sample shall be left in
normal temperature and humidity conditions for an hour
before measurements are made :
1. Temperature
: 40 ±2°C.
2. Relative Humidity : 90 to 95%.
3. Time
: 96 hours.
1. As show in item 4 to 6
2. Contact resistance : 50m
Ω
maximum (final-after test).
3. Insulation Resistance : 100m
Ω
minimum.
Number
of Ways
Width
(B)
Type
Part Number
4
12.45
Piano Key - Long Actuator
PI041900
8
22.61
PI081900
10
27.69
PI101900
4
12.45
Piano Key - Short Actuator
PI040900
8
22.61
PI080900
10
27.69
PI100900
Dimensions : Millimetres
Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com