Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

156-05902 Datasheet(PDF) 4 Page - HellermannTyton.

Part # 156-05902
Description  2-piece fixing ties with fir tree, with disc, for round holes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

156-05902 Datasheet(HTML) 4 Page - HellermannTyton.

  156-05902 Datasheet HTML 1Page - HellermannTyton. 156-05902 Datasheet HTML 2Page - HellermannTyton. 156-05902 Datasheet HTML 3Page - HellermannTyton. 156-05902 Datasheet HTML 4Page - HellermannTyton. 156-05902 Datasheet HTML 5Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
26
1.0
Further information at www.HellermannTyton.com/fixings
Material Specification Overview
Cable Ties and Fixings
Material Information
MATERIAL
Material
Shortcut
Operating
Temperature
Colour**
Flammability
Material Properties*
Material
Specifications
Aluminium alloy
AL
-40 °C to +180 °C Natural (NA)
• Corrosion resistant
• Antimagnetic
Chloroprene Rubber
CR
-20 °C to +80 °C
Black (BK)
• Weather resistant
• High yield strength
Ethylene
Tetrafluoroethylene
(Tefzel®)
E/TFE
-80 °C to +170 °C
Blue (BU)
UL 94 V0
• Resistance to radioactivity
• UV resistant, not moisture sensitive
• Good chemical resistance to acids,
bases, oxidizing agents
Polyacetal
POM
-40 °C to +90 °C,
(+110 °C, 500 h)
Natural (NA)
UL 94 HB
• Limited brittleness sensitivity
• Flexible at low temperature
• Not moisture sensitive
• Robust on impact
Polyamide 11
PA11
-40 °C to +85 °C,
(+105 °C, 500 h)
Black (BK)
UL 94 HB
• Bio-plastic, derived from vegetable oil
• Strong impact resistance at low
temperature
• Very low moisture absorption
• Weather resistant
• Good chemical resistance
Polyamide 12
PA12
-40 °C to +85 °C,
(+105 °C, 500 h)
Black (BK)
UL 94 HB
• Good chemical resistance to acids,
bases, oxidizing agents
• UV resistant
Polyamide 4.6
PA46
-40 °C to +130 °C,
(+150 °C, 5000 h;
+195 °C, 500 h)
Natural (NA),
Grey (GY)
UL 94 V2
• Resistance to high temperatures
• Very moisture sensitive
• Low smoke sensitivity
Polyamide 6
PA6
-40 °C to +80 °C
Black (BK)
UL 94 V2
• High yield strength
Polyamide 6,
high impact modified
PA6HIR
-40 °C to +80 °C
Black (BK)
UL 94 HB
• Limited brittleness sensitivity
• Higher flexibility at low temperature
Polyamide 6.6
PA66
-40 °C to +85 °C,
(+105 °C, 500 h)
Black (BK),
Natural (NA)
UL 94 V2
• High yield strength
Polyamide 6.6,
glass-fibre reinforced
PA66GF13
-40 °C to +105 °C
Black (BK)
UL 94 HB
• Good resistance to lubricants, fuels,
salt water and solvents
Polyamide 6.6,
heat and UV-stabilised
PA66HSUV
-40 °C to +105 °C
Black (BK)
UL 94 V2
• High yield strength
• Modified elevated maximum
temperature
• UV resistant
Polyamide 6.6,
heat stabilised
PA66HS
-40 °C to +105 °C
Black (BK),
Natural (NA)
UL 94 V2
• High yield strength
• Modified elevated maximum
temperature
Polyamide 6.6,
high impact modified
PA66HIR
-40 °C to +80 °C,
(+105 °C, 500 h)
Black (BK)
UL 94 HB
• Limited brittleness sensitivity
• Higher flexibility at low temperature
Polyamide 6.6,
high impact modified,
heat and UV-stabilised
PA66HIRHSUV -40 °C to +110 °C
Black (BK)
UL 94 HB
• Limited brittleness sensitivity
• Higher flexibility at low temperature
• Modified elevated maximum
temperature
• High yield strength, UV resistant
Polyamide 6.6,
high impact modified,
heat stabilised
PA66HIRHS
-40 °C to +105 °C
Black (BK)
UL 94 HB
• Limited brittleness sensitivity
• Higher flexibility at low temperature
• Modified elevated maximum
temperature
Polyamide 6.6,
high impact modified,
scan black)
PA66HIR(S)
-40 °C to +80 °C,
(+105 °C, 500 h)
Black (BK)
UL 94 HB
• Limited brittleness sensitivity
• Higher flexibility at low temperature
Polyamide 6.6,
UV-resistant
PA66W
-40 °C to +85 °C,
(+105 °C, 500 h)
Black (BK)
UL 94 V2
• High yield strength
• UV resistant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com