Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1489AP Datasheet(PDF) 5 Page - STMicroelectronics

Part # MC1489AP
Description  Quad line receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1489AP Datasheet(HTML) 5 Page - STMicroelectronics

  MC1489AP Datasheet HTML 1Page - STMicroelectronics MC1489AP Datasheet HTML 2Page - STMicroelectronics MC1489AP Datasheet HTML 3Page - STMicroelectronics MC1489AP Datasheet HTML 4Page - STMicroelectronics MC1489AP Datasheet HTML 5Page - STMicroelectronics MC1489AP Datasheet HTML 6Page - STMicroelectronics MC1489AP Datasheet HTML 7Page - STMicroelectronics MC1489AP Datasheet HTML 8Page - STMicroelectronics MC1489AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MC1489/MC1489A
Maximum ratings
5/17
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied.
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Power supply voltage
10
V
VI
Input voltage range
±30
V
IOL
Output load current
20
mA
PTOT
Power dissipation
1
W
Tamb
Operating ambient temperature
0 to 75
°C
Tstg
Storage temperature range
-65 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Plastic DIP14
SO14
Unit
RthJA
Thermal resistance junction-ambient Max
200
165
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com