Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103C Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SD103C
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD103C Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SD103C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD103C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
For general purpose applications
MECHANICAL DATA
Case:JEDEC DO--35,glass case
Weight: Approx. 0.13 gram
(Ratings at 25
ambient temperature unless otherw ise specified)
Min.
UNITS
V
μA
V
pF
ns
K/W
Storage temperature range
TSTG
Reverse breakdow n voltage
@ I
R=10
A
Symbols
V
R
ELECTRICAL CHARACTERISTICS
I
R
Thermal resistance junction to ambient air
CJ
0.6
SD103A---SD103C
SMALL SIGNAL SCHOTTKY DIODES
VOLTAGE RANGE: 40 -- 20 V
CURRENT: 400 mW
DO - 35(GLASS)
GALAXY ELECTRICAL
mW
A
Peak reverse voltage
400
1)
Symbols
Polarity: Color band denotes cathode end
Junction tenperature
Pow er dissipation (Infinite Heat Sink)
ABSOLUTE RATINGS(LIMITING VALUES)
VRRM
Ptot
IFSM
UNITS
V
fast switching and low logic level applications
Metal silicon schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices,steering,biasing and coupling diodes for
RθJA
Leakage current
@ VR=50V
Junction capacitance
@ VR=0V,f=1MHz
Reverse recovery time @ IF=IR=50mAto200mA,recover to0.1IR
Forw ard voltage drop @
I
F
=20mA
250
1)Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Single cycle surge 60Hz sine w ave
5
50
15
I
F
=200mA
VF
trr
Max.
Typ.
10
TJ
0.37
-55 ---+ 150
125
www.galaxycn.com
BL
Document Number 0265011
1.
BLGALAXY ELECTRICAL
SD103A
SD103B
SD103C
40
30
20
SD103A
SD103B
SD103C
40
30
20
SD103A,VR=30V
SD103B,VR=20V
SD103C,VR=10V
-
-
-
-
-
-
-
-
-
-
-
-
Forward continuous current
I(AV)
350
m A


Similar Part No. - SD103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103C SEMTECH-SD103C Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Diodes Incorporated
SD103C DIODES-SD103C Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
General Semiconductor
SD103C GE-SD103C Datasheet
132Kb / 3P
Schottky Diodes
logo
Micro Commercial Compon...
SD103C MCC-SD103C Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
List of Unclassifed Man...
SD103C ETC1-SD103C Datasheet
337Kb / 3P
SCHOTTKY DIODES
More results

Similar Description - SD103C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com