Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4957 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4957
Description  UP TO 4A ULDO LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4957 Datasheet(HTML) 2 Page - STMicroelectronics

  L4957 Datasheet HTML 1Page - STMicroelectronics L4957 Datasheet HTML 2Page - STMicroelectronics L4957 Datasheet HTML 3Page - STMicroelectronics L4957 Datasheet HTML 4Page - STMicroelectronics L4957 Datasheet HTML 5Page - STMicroelectronics L4957 Datasheet HTML 6Page - STMicroelectronics L4957 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
Supply Input Voltage
7
V
Ti
Junction Temperature
-40 to +150
°C
Tstg
Storage Temperature
-40 to +150
°C
PINS CONNECTION
IN
PRE
REGULATOR
VREF
+
-
E/A
OUT
GND
D98IN839C
1
2
3
V
IN
10
µF
CURRENT
LIMIT
WITH
FOLDBACK
THERMAL
SHUTDOWN
BUFFER
CHARGE
PUMP
POWER
DMOS
150m
Ω
22
µF
VOUT
RY
RX
BLOCK DIAGRAM
OUT
GND
IN
1
3
D98IN838B
2
Versawatt (TO220)
OUT
GND
IN
1
3
D98IN933A
2
D2PAK
L4957
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com