Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP5320 Datasheet(PDF) 14 Page - Injoinic Technology Co.,Ltd.

Part # IP5320
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5320 Datasheet(HTML) 14 Page - Injoinic Technology Co.,Ltd.

Back Button IP5320 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
14 / 32
Copyright © 2022, Injoinic Corp.
VBAT=15.2V,VOUT=5/9/12/15V/20V 时,放电效率曲线如下:
5
VBAT=15V 放电效率曲线图
12.3.1
USB C
IP5386 集成 USB-C 输入、输出识别接口,自动切换内置上下拉电阻,自动识别插入设备的充放电属
性。
IP5386 带有 Try.SRC 功能,当连接到对方为 DRP 设备时,可优先给对方充电。
当作为
DFP 工作时,使用 CC 引脚配置对外输出 3A 电流能力信息;当作为 UFP 工作时,可识别出对
方的输出电流能力。
Rd
Ip_3P0
CC1/CC2
VREF1
VREF2
VREF3
VREG
6
CC 内部电路
1
上下拉能力
名称
Ip_3P0
330μA
Rd
5.1kΩ
80
82
84
86
88
90
92
94
96
98
100
0
500
1000
1500
2000
2500
3000
IOUT(mA)
IP5386 VBAT=15.2V 效率曲线
VOUT=5V
VOUT=9V
VOUT=12V
VOUT=15V
VOUT=20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com