Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARS598677 Datasheet(PDF) 1 Page - Glamox

Part # ARS598677
Description  ARIS-S DOUBLE BL E1/STHO SIGN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

ARS598677 Datasheet(HTML) 1 Page - Glamox

  ARS598677 Datasheet HTML 1Page - Glamox ARS598677 Datasheet HTML 2Page - Glamox ARS598677 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12/17/2025
The Company reserves the right to change any product specifications without prior notification.
1/3
ARIS-S DOUBLE BL E1/ST
HO SIGN
E1 / ST means that this item has a built-in emergency light
for minimum 1 hour duration. It tests itself according to
European emergency light standards. Indicator LEDs on the
product communicate the test results.
Item No.
ARS598677
GTIN
5901155986773
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
8.3
IEC Protection Class
II
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
2
Lumen Per Watt (lm/W)
100
Lamp colour temp (K)
5700
Colour Rendering Index
>70
MacAdam step
3
Energy Class Light Source
C
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
ST = Self test
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Percentage Light Out In Emergency
100
Reading distance sign (m)
25
Battery Type
LiFePO4
Battery Form
Stick
Battery mAh
2200
Battery Voltage (V)
6.4
Battery Sparepart No
SP-MY-413-LI2200L
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
BL - Black
Main Body Colour Name
Black
Dimensions
Length (mm)
262
Width (mm)
262
Height (mm)
155
Item Net Weight (kg)
0.828
Logistic Data
Item Gross Weight (kg)
0.9


Similar Part No. - ARS598677

ManufacturerPart #DatasheetDescription
logo
Glamox
ARS598671 GLAMOX-ARS598671 Datasheet
246Kb / 2P
ARIS-W SINGLE BL E1/S HOSIGN
ARS598673 GLAMOX-ARS598673 Datasheet
262Kb / 3P
ARIS-S DOUBLE BL E/Z LOSIGN
ARS598674 GLAMOX-ARS598674 Datasheet
262Kb / 3P
ARIS-S DOUBLE BL E/Z HOSIGN
ARS598675 GLAMOX-ARS598675 Datasheet
269Kb / 3P
ARIS-S DOUBLE BL E1/STLO SIGN
ARS598679 GLAMOX-ARS598679 Datasheet
271Kb / 3P
ARIS-S DOUBLE BL E1/DALILO SIGN
More results

Similar Description - ARS598677

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
701972-6WD481 ETC2-701972-6WD481 Datasheet
275Kb / 2P
Single or double-sided sign box illumination
logo
PHOENIX CONTACT
2400515 PHOENIX-2400515 Datasheet
54Kb / 3P
Monitor - BL FPM 21.5
3467 PHOENIX-3467 Datasheet
232Kb / 5P
BL FPM
logo
Weidmuller
2065120000 WEIDMULLER-2065120000 Datasheet
438Kb / 6P
ALO 6 BL
2502320000 WEIDMULLER-2502320000 Datasheet
429Kb / 5P
ALO 16 BL
2552090000 WEIDMULLER-2552090000 Datasheet
225Kb / 5P
A2C 35 BL
2740010000 WEIDMULLER-2740010000 Datasheet
266Kb / 4P
ATTB 6 BL
logo
PHOENIX CONTACT
2402981 PHOENIX-2402981 Datasheet
449Kb / 9P
Monitor - BL FPM 18.5
Dec 2, 2022
logo
Lapp.
52002680 LAPP-52002680 Datasheet
99Kb / 1P
SKINDICHT® BL
22.11.2018
logo
Molex Electronics Ltd.
2219602211 MOLEX-2219602211 Datasheet
82Kb / 1P
POWERWIZE 6.0 BL R-S 2CKT 1M DISC AG
2023/01/24
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com