Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP923C2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # KP923C2
Description  Super High Speed Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KP923C2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  KP923C2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KP923C2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Super High Speed Diode
KP923C2
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop
· Super High Speed Switching
· High Reliability by Planer Design
APPLICATIONS
· Switching Power Supply (SPS)
· High Frequency Converter
· DC/DC Converter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current
2.5×2
A
IFSM
Non-repetitive Peak Surge Current
(Sine Wave, 10ms)
50
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
10.0
℃
/W
2


Similar Part No. - KP923C2

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
KP923C2 FUJI-KP923C2 Datasheet
54Kb / 3P
LOW LOSS SUPER HIGH SPEED RECTIFIER
More results

Similar Description - KP923C2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSD4448 CENTRAL-CMSD4448 Datasheet
92Kb / 2P
SUPER-MINI HIGH SPEED SWITCHING DIODE
logo
Fuji Electric
YG901C2R FUJI-YG901C2R Datasheet
55Kb / 3P
LOW LOSS SUPER HIGH SPEED DIODE
YG901C3 FUJI-YG901C3 Datasheet
74Kb / 4P
LOW LOSS SUPER HIGH SPEED DIODE
YG901C3R FUJI-YG901C3R Datasheet
46Kb / 3P
LOW LOSS SUPER HIGH SPEED DIODE
YG902C2R FUJI-YG902C2R Datasheet
57Kb / 3P
LOW LOSS SUPER HIGH SPEED DIODE
YG902C3R FUJI-YG902C3R Datasheet
59Kb / 3P
LOW LOSS SUPER HIGH SPEED DIODE
YG906C2R FUJI-YG906C2R Datasheet
50Kb / 3P
LOW LOSS SUPER HIGH SPEED DIODE
YG911S2R FUJI-YG911S2R Datasheet
56Kb / 3P
LOW LOSS SUPER HIGH SPEED DIODE
YG911S3R FUJI-YG911S3R Datasheet
49Kb / 3P
LOW LOSS SUPER HIGH SPEED DIODE
YG912S2R FUJI-YG912S2R Datasheet
51Kb / 3P
LOW LOSS SUPER HIGH SPEED DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com