Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLOUD-ST25TA02KB Datasheet(PDF) 2 Page - STMicroelectronics

Part # CLOUD-ST25TA02KB
Description  NFC Forum Type 4 Tag IC demonstration board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLOUD-ST25TA02KB Datasheet(HTML) 2 Page - STMicroelectronics

  CLOUD-ST25TA02KB Datasheet HTML 1Page - STMicroelectronics CLOUD-ST25TA02KB Datasheet HTML 2Page - STMicroelectronics CLOUD-ST25TA02KB Datasheet HTML 3Page - STMicroelectronics CLOUD-ST25TA02KB Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
CLOUD-ST25TA02KB
2/4
DocID031408 Rev 1
1
Description
The CLOUD-ST25TA02KB is a ready-to-use demonstration board intended to evaluate the
ST25TA02KB-P device.
The ST25TA02KB-P is a dynamic NFC/RFID tag IC with a digital General Purpose Output
(GPO), embedding a 2 Kbit EEPROM that supports NDEF tag applications for NFC Forum
Type 4.
The device communicates using the ISO/IEC 14443 Type A protocol, and is fully powered
by the RF field. When the GPO output is used, an external reference voltage is required to
set the high level voltage of the GPO signal to be directly compatible with the I/O voltage of
the MCU or Host, without the need for any level shifter.
The GPO signal is active High when asserted, and can be used as a rising edge interrupt. It
may be configured through the RF interface for various uses, like indicating Field Detection
(by default) to wake-up an MCU, or Host like a Bluetooth® or a Wi-Fi® chipset.
Figure 2. Functional block diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com