Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T3F Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # T3F
Description  Q-G®CORD PLUG CONNECTORS AND RECEPTACLES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

T3F Datasheet(HTML) 1 Page - Switchcraft, Inc.

  T3F Datasheet HTML 1Page - Switchcraft, Inc. T3F Datasheet HTML 2Page - Switchcraft, Inc. T3F Datasheet HTML 3Page - Switchcraft, Inc. T3F Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
* Number of insert contact or pins must be specified to complete part number.
◊ Available on special order only; contact Switchcraft for price and delivery.
1 Non-reflective gray finish, gold-plated pins.
Q-G® CORD PLUG CONNECTORS AND RECEPTACLES
Part Number
Part Number
Insert Contacts
◊T3F
◊T3FL
3
◊T3FM
◊T3FLM
3
◊T4F
◊T4FL
4
◊T4FM
◊T4FLM
4
T(*)F Straight female cord plug with DPDT (2-C) locking
on-off switch; standard latchlock.
T(*)FM Straight female cord plug with SPDT (1-C)
momentary on-off switch; standard latchlock.
Slide switches rated 500 mA, 125V (AC or DC). Mounting
screws are supplied.
T(*)F AND T(*)FM CORD PLUG WITH ON-OFF SWITCH
D(*)M, D(*)F AND D(*)FD RECEPTACLES
Nickel
Black Finish
Finish
Silver
Gold
Detent
QGP Series1
Pins
D3M
D3MB
D3MBAU
—
QGP363
3
D4M
D4MB
D4MBAU
—
—
4
D5M
D5MB
D5MBAU
—
—
5
D6M
D6MB
D6MBAU
—
—
6
D7M
D7MB
D7MBAU
—
—
7
D3F
D3FB
D3FBAU
D3FD
QGP362
3
D4F
D4FB
D4FBAU
◊D3FDB
—
4
D5F
D5FB
D5FBAU
—
—
5
D6F
D6FB
D6FBAU
◊D6FDB
—
6
D7F
D7FB
D7FBAU
—
—
7
Q-G CORD PLUG CONNECTORS AND RECEPTACLES
Q-G CORD PLUG CONNECTORS AND RECEPTACLES
®
®
Studio quality black and gold Q-G® receptacle with black
housing and gold contacts is designed for low/stable contact
resistance and withstands corrosion where highest quality is
required for recording and broadcast studio equipment,
consoles, and other applications.
D(*)M SERIES – Male receptacle for panel or chassis
mounting. Special rectangular flange permits close spacing on
crowded
panels,
has
two
.136"
(3.45mm)
diameter
countersunk holes for #5-40 flat head mounting screws (not
supplied). Mounts from front of panel or chassis in .766"
(19.45) diameter hole. Satin nickel finish (Series D*M) or black
finish (Series D*MB, or D*MBAU).
D(*)F SERIES – Female receptacle for panel or chassis
mounting. Flange has two .136" (3.45 mm) diameter
countersunk holes for #5-40 flat head mounting screws (not
supplied). Mounts from front of panel or chassis in .953" (24.21
mm) diameter hole. Series D(*)F has standard latchlock; Series
D(*)FD has FAS-DISCONNECT detent. Satin nickel finish
(Series D*F and D*FD) and “Black-Velvet” finish (Series
D*FBAU).
SWITCHCRAFT, INC. 5555 N. Elston Ave. • Chicago, IL 60630
9
CONNECTORS & RECEPTACLES
FAX: 773 792-2129
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
* Please visit the product pages on our website for the most up-to-date product information


Similar Description - T3F

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
407B SCHURTER-407B Datasheet
298Kb / 2P
Interconnection Cord with Plug "G-Horizontal", Angled
408B SCHURTER-408B Datasheet
303Kb / 2P
Interconnection Cord with Plug "G-Horizontal", Angled
409B SCHURTER-409B Datasheet
284Kb / 2P
Interconnection Cord with Plug "G-Horizontal", Straight
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Glenair, Inc.
240-970W GLENAIR-240-970W Datasheet
338Kb / 2P
PowerTrip Connectors and Accessories Filter Receptacles
380-105 GLENAIR-380-105 Datasheet
746Kb / 3P
PowerTrip Connectors and Accessories Filter Receptacles
390PS086 GLENAIR-390PS086 Datasheet
257Kb / 2P
PowerTrip Connectors and Accessories Filter Receptacles
logo
SICK AG
DOL-0804-W10MRN SICK-DOL-0804-W10MRN Datasheet
258Kb / 4P
Plug connectors and cables
DOL-1204-G10MRN SICK-DOL-1204-G10MRN Datasheet
240Kb / 4P
Plug connectors and cables
logo
List of Unclassifed Man...
QSI-0203-04 ETC-QSI-0203-04 Datasheet
1Mb / 12P
iglide® Q
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com