Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4901 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4901
Description  DUAL 5V REGULATOR WITH RESET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4901 Datasheet(HTML) 3 Page - STMicroelectronics

  L4901 Datasheet HTML 1Page - STMicroelectronics L4901 Datasheet HTML 2Page - STMicroelectronics L4901 Datasheet HTML 3Page - STMicroelectronics L4901 Datasheet HTML 4Page - STMicroelectronics L4901 Datasheet HTML 5Page - STMicroelectronics L4901 Datasheet HTML 6Page - STMicroelectronics L4901 Datasheet HTML 7Page - STMicroelectronics L4901 Datasheet HTML 8Page - STMicroelectronics L4901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage
Transient Input Overvoltage (t = 40ms)
24
60
V
V
Io
Output Current
Internally Limited
Tj
Storage and Junction Temperature
– 40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Thermal Resistance Junction-case
Max.
4
°C/W
ELECTRICAL CHARACTERISTICS (VIN = 14, 4V, Tamb =25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vi
DC Operating Input Voltage
20
V
V01
Output Voltage 1
R Load 1k
Ω
4.95
5.05
5.15
V
V02 H
Output Voltage 2 HIGH
R Load 1k
Ω
V01 –0.1
5
V01
V
V02 L
Output Voltage 2 LOW
I02 = – 5mA
0.1
V
I01
Output Current 1
∆V01 = – 100mV
400
mA
IL01
Leakage Output 1 Current
VIN =0, V01
≤ 3V
1
µA
I02
Output Current 2
∆V
02 = – 100mV
400
mA
VI01
Output 1 Dropout Voltage (*)
I01 = 10mA
I01 = 100mA
I01 = 300mA
0.7
0.8
1.1
0.8
1
1.4
V
V
V
VIT
Input Threshold Voltage
V01 + 1.2
6.4
V01 + 1.7
V
VITH
Input Threshold Voltage Hyst.
250
mV
∆V01
Line Regulation 1
7V < VIN < 18V, I01 = 5mA
5
50
mV
∆V02
Line Regulation 2
7V < VIN < 18V, I02 = 5mA
5
50
mV
∆V01
Load Regulation 1
5mA < I01 < 400mA
50
100
mV
∆V02
Load Regulation 2
5mA < I01 < 400mA
50
100
mV
IQ
Quiescent Current
I02 =I01
≤ 5mA
0< VIN < 13V
7V < VIN < 13V
4.5
1.6
6.5
3.5
mA
IQ1
Quiescent Current 1
I01
≤ 5mA, I02 =0, VIN2 =0
6.3V < VIN < 13V
0.6
0.9
mA
VRT
Reset Threshold Voltage
V02 – 0.15
4.9
V02 –0.05
V
VRTH
Reset Threshold Hysteresis
30
50
80
mV
VRH
Reset Output Voltage HIGH
IR = 500
µA
V02 – 1
4.12
V02
V
VRL
Reset Output Voltage LOW
IR = –<0>5mA
0.25
0.4
V
tRD
Reset Pulse Delay
Ct = 10nF
3
5
11
ms
td
Timing Capacitor Discharge Time
Ct = 10nF
20
µs
∆V01
∆T
Thermal Drift
–20
°C ≤ Tamb ≤ 125°C
0.3 –
0.8
mV/
°C
∆V02
∆T
Thermal Drift
–20
°C ≤ Tamb ≤ 125°C
0.3 –
0.8
mV/
°C
SVR1
Supply Voltage Rejection
f = 100Hz, VR = 0.5V
Io = 100mA
50
84
dB
SVR2
Supply Voltage Rejection
50
80
dB
* The dropout voltage is defined as the difference between the input and the output voltage when the output voltage is lowered of 25 mV under
constant output current condition.
L4901A
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com