Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAFS34/BL/25M Datasheet(PDF) 1 Page - ABB

Part # PAFS34/BL/25M
Description  STD WGT BLK FINE NYL COND NC34 25M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PAFS34/BL/25M Datasheet(HTML) 1 Page - ABB

  PAFS34/BL/25M Datasheet HTML 1Page - ABB PAFS34/BL/25M Datasheet HTML 2Page - ABB PAFS34/BL/25M Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STD WGT BLK FINE NYL COND NC34 25M
PAFS34/BL/25M
Extended Product Type
PAFS34/BL/25M
Product ID
7TCA296000R2248
EAN
5020963001260
Catalog Description
STD WGT BLK FINE NYL COND NC34 25M
Long Description
Standard Weight Conduit, Nominal Conduit Size 34mm, NW Conduit Size 29, Fine
Conduit Pitch, Outside Diameter 34.5mm, Inside Diameter 28.8mm, Static Bend Radius
60mm, Reel Length 25 Meters, Polyamide (Nylon) 6, Black
General Information
PRODUCT-DETAILS
Ordering
5020963001260
EAN
3926909990
Customs Tariff Number
Dimensions
7.44 lb
3.374 kg
Product Net Weight
Container Information
1 piece
Package Level 1 Units
37 in
940 mm
Package Level 1 Width


Similar Part No. - PAFS34/BL/25M

ManufacturerPart #DatasheetDescription
logo
ABB
PAFS34/BL/10M ABB-PAFS34/BL/10M Datasheet
83Kb / 3P
STD WGT BLK FINE NYL COND NC34 10M
More results

Similar Description - PAFS34/BL/25M

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R1966DBLKBLKBR E-SWITCH-R1966DBLKBLKBR Datasheet
37Kb / 1P
R1966D BLK BLK BR
A
logo
ATGBICS by Approved Tec...
AOC-S-S-10G-25M-C ATGBICS-AOC-S-S-10G-25M-C Datasheet
398Kb / 6P
AOC-S-S-10G-25M Arista Compatible Active Optical Cable 10G SFP (25m)
AOC-S-S-25G-25M-C ATGBICS-AOC-S-S-25G-25M-C Datasheet
272Kb / 6P
AOC-S-S-25G-25M Arista Compatible Active Optical Cable 25G SFP28 (25m)
CBL-10GSFP-AOC-25M-C ATGBICS-CBL-10GSFP-AOC-25M-C Datasheet
398Kb / 6P
CBL-10GSFP-AOC-25M Dell Compatible Active Optical Cable 10G SFP (25m)
CBL-25GSFP28-AOC-25M-C ATGBICS-CBL-25GSFP28-AOC-25M-C Datasheet
272Kb / 6P
CBL-25GSFP28-AOC-25M Dell Compatible Active Optical Cable 25G SFP28 (25m)
JNP-10G-AOC-25M-C ATGBICS-JNP-10G-AOC-25M-C Datasheet
398Kb / 6P
JNP-10G-AOC-25M Juniper Compatible Active Optical Cable 10G SFP (25m)
JNP-25G-AOC-25M-C ATGBICS-JNP-25G-AOC-25M-C Datasheet
272Kb / 6P
JNP-25G-AOC-25M Juniper Compatible Active Optical Cable 25G SFP28 (25m)
SFP-XG-D-AOC-25M-C ATGBICS-SFP-XG-D-AOC-25M-C Datasheet
398Kb / 6P
SFP-XG-D-AOC-25M H3C Compatible Active Optical Cable 10G SFP (25m)
logo
Belden Inc.
9489 BELDEN-9489 Datasheet
191Kb / 2P
High Perform Instr, 1 Pr #12 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
12-20-2022
9486 BELDEN-9486 Datasheet
193Kb / 2P
High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
04-14-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com