Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAFS21/BL/10M Datasheet(PDF) 1 Page - ABB

Part # PAFS21/BL/10M
Description  STD WGT BLK NYL COND NC21 10M BLK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PAFS21/BL/10M Datasheet(HTML) 1 Page - ABB

  PAFS21/BL/10M Datasheet HTML 1Page - ABB PAFS21/BL/10M Datasheet HTML 2Page - ABB PAFS21/BL/10M Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STD WGT BLK NYL COND NC21 10M BLK
PAFS21/BL/10M
Extended Product Type
PAFS21/BL/10M
Product ID
7TCA296000R2199
EAN
5020963000874
Catalog Description
STD WGT BLK NYL COND NC21 10M BLK
Long Description
Standard Weight Conduit, Nominal Conduit Size 21mm, NW Conduit Size 17, Fine
Conduit Pitch, Outside Diameter 21.2mm, Inside Diameter 16.5mm, Static Bend Radius
45mm, Reel Length 10 Meters, Polyamide (Nylon) 6, Black
General Information
PRODUCT-DETAILS
Ordering
5020963000874
EAN
3926909990
Customs Tariff Number
Dimensions
1.32 lb
598.639 g
Product Net Weight
Container Information
1 piece
Package Level 1 Units
37 in
940 mm
Package Level 1 Width


Similar Part No. - PAFS21/BL/10M

ManufacturerPart #DatasheetDescription
logo
ABB
PAFS21/BL/25M ABB-PAFS21/BL/25M Datasheet
82Kb / 3P
STD WGT BLK NYL COND NC21 25M BLK
More results

Similar Description - PAFS21/BL/10M

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PS1024AL E-SWITCH-PS1024AL Datasheet
26Kb / 1P
E-SWITCH PS1024AL (BLK CAP)
RP3502A-BLK E-SWITCH-RP3502A-BLK Datasheet
27Kb / 1P
E-SWITCH RP3502A-BLK
RP3502B-BLK E-SWITCH-RP3502B-BLK Datasheet
28Kb / 1P
E-SWITCH RP3502B-BLK
RP3502MA-BLK E-SWITCH-RP3502MA-BLK Datasheet
31Kb / 1P
E-SWITCH RP3502MA-BLK
logo
Bourns Electronic Solut...
BLK BOURNS-BLK Datasheet
105Kb / 2P
BLK Series Protector Panels
REV. C 10/19
logo
E-SWITCH
R1966DBLKBLKBR E-SWITCH-R1966DBLKBLKBR Datasheet
37Kb / 1P
R1966D BLK BLK BR
A
logo
Lapp.
52005949 LAPP-52005949 Datasheet
126Kb / 1P
SKINDICHT® BLK
03.07.2018
52006101 LAPP-52006101 Datasheet
126Kb / 2P
SKINDICHT® BLK-GL-M
16.08.2023
52006600 LAPP-52006600 Datasheet
82Kb / 1P
SKINDICHT® BLK-M
25.11.2021
52109013 LAPP-52109013 Datasheet
175Kb / 2P
SKINTOP® CLICK BLK
20.06.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com