Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4066 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4066
Description  QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4066 Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4066 Datasheet HTML 1Page - STMicroelectronics HCF4066 Datasheet HTML 2Page - STMicroelectronics HCF4066 Datasheet HTML 3Page - STMicroelectronics HCF4066 Datasheet HTML 4Page - STMicroelectronics HCF4066 Datasheet HTML 5Page - STMicroelectronics HCF4066 Datasheet HTML 6Page - STMicroelectronics HCF4066 Datasheet HTML 7Page - STMicroelectronics HCF4066 Datasheet HTML 8Page - STMicroelectronics HCF4066 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HCF4066B
3/9
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
(Tamb =25°C,Typical temperature coefficient for all VDD value is 0.3 %/°C)
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.5 to +22
V
VI
DC Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current
± 10
mA
PD
Power Dissipation per Package
200
mW
Power Dissipation per Output Transistor
100
mW
Top
Operating Temperature
-55 to +125
°C
Tstg
Storage Temperature
-65 to +150
°C
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
3to 20
V
VI
Input Voltage
0 to VDD
V
Top
Operating Temperature
-55 to 125
°C
Symbol
Parameter
Test Condition
Value
Unit
VI
(V)
VDD
(V)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
IL
Quiescent Device
Current (all
switches ON or all
switches OFF )
0/5
5
0.01
0.25
7.5
7.5
µA
0/10
10
0.01
0.5
15
15
0/15
15
0.01
1
30
30
0/20
20
0.02
5
150
150
SIGNAL INPUTS (VIS) and OUTPUTS (VOS)
RON
Resistance
VC=VDD RL = 10KΩ
Return to (VDD-VSS)/2
VIS =VSS to VDD
5
470
1050
1200
1200
Ω
10
180
400
500
500
15
125
240
300
300
∆
ON
Resistance
∆
RON
(between any 2 of
4 switches)
RL = 10KΩ,VC =VDD
55
Ω
10
10
15
15
TDH
Total Harmonic
Distortion
VC =VDD =5V, VSS = -5V
VIS (p-p) = 5V, RL = 10KΩ
(sine wave centered in 0V)
fIS = 1KHz sine wave
0.4
%
-3dB Cutoff
Frequency (Switch
on)
VC =VDD =5V, VSS = -5V
VIS (p-p) = 5V, RL =1KΩ
(sine wave centered in 0V)
40
MHz
-50dB Feedthrough
Frequency (switch
off)
VC =VSS = -5V
VIS (p-p) = 5V, RL =1KΩ
(sine wave centered in 0V)
1MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com