Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4560 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4560
Description  NBCD ADDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4560 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4560 Datasheet HTML 1Page - STMicroelectronics HCF4560 Datasheet HTML 2Page - STMicroelectronics HCF4560 Datasheet HTML 3Page - STMicroelectronics HCF4560 Datasheet HTML 4Page - STMicroelectronics HCF4560 Datasheet HTML 5Page - STMicroelectronics HCF4560 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HCC4560B
HCF4560B
September 1990
NBCD ADDER
PRODUCT PREVIEW
EY
(Plastic Package)
.
VERY LOW QUIESCENT CURRENT
.
HIGH NOISE IMMUNITY
.
SINGLE SUPPLY OPERATION - POSITIVE OR
NEGATIVE
.
SUPPLY VOLTAGE RANGE 3V TO 18V
.
DIODE PROTECTION ON ALL INPUTS
ORDER CODES :
HCC4560 BF
HCF4560 BM1
HCF4560 BEY
HCF4560 BC1
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
The HCC4560B and HCF4560B are monolithic in-
tegrated circuits, available in 16-lead dual-in-line
plastic or ceramic packages and plastic micro pack-
ages.
The HCC4560B and HCF4560B add two 4-bit num-
bers in NBCD (natural binary coded decimal) for-
mat, resulting in sum and carry outputs in NBCD
code.
All inputs and outputs are active high. The carry
input for the least significant digit is connected to VSS
for no carry in.
DESCRIPTION
PIN CONNECTION (top view)
1/6


Similar Part No. - HCF4560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4566B STMICROELECTRONICS-HCF4566B Datasheet
202Kb / 6P
INDUSTRIAL TIME-BASE GENERATOR
Sep-1990
HCF4566BC1 STMICROELECTRONICS-HCF4566BC1 Datasheet
202Kb / 6P
INDUSTRIAL TIME-BASE GENERATOR
Sep-1990
HCF4566BEY STMICROELECTRONICS-HCF4566BEY Datasheet
202Kb / 6P
INDUSTRIAL TIME-BASE GENERATOR
Sep-1990
HCF4566BM1 STMICROELECTRONICS-HCF4566BM1 Datasheet
202Kb / 6P
INDUSTRIAL TIME-BASE GENERATOR
Sep-1990
More results

Similar Description - HCF4560

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
4-Bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
4-Bit Full Adder
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F385 PHILIPS-74F385 Datasheet
64Kb / 6P
Quad serial adder/subtractor
1989 Sep 20
74F583 PHILIPS-74F583 Datasheet
120Kb / 8P
4-bit BCD adder
1989 Apr 06
logo
Fairchild Semiconductor
74F583 FAIRCHILD-74F583 Datasheet
52Kb / 5P
4-Bit BCD Adder
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
4-Bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_05 Datasheet
107Kb / 8P
4?묪it Full Adder
August, 2005 ??Rev. 6
logo
Fuji Electric
EDS9-2I FUJI-EDS9-2I Datasheet
207Kb / 3P
FC SERIES ADDER
logo
ON Semiconductor
MC14008BCPG ONSEMI-MC14008BCPG Datasheet
135Kb / 8P
4-Bit Full Adder
April, 2013 ??Rev. 7
logo
Motorola, Inc
MC14560B MOTOROLA-MC14560B Datasheet
310Kb / 13P
NBCD Adder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com