Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4053 Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCF4053
Description  ANALOG MULTIPLEXERS-DEMULTIPLEXERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4053 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCF4053 Datasheet HTML 4Page - STMicroelectronics HCF4053 Datasheet HTML 5Page - STMicroelectronics HCF4053 Datasheet HTML 6Page - STMicroelectronics HCF4053 Datasheet HTML 7Page - STMicroelectronics HCF4053 Datasheet HTML 8Page - STMicroelectronics HCF4053 Datasheet HTML 9Page - STMicroelectronics HCF4053 Datasheet HTML 10Page - STMicroelectronics HCF4053 Datasheet HTML 11Page - STMicroelectronics HCF4053 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Channel Being Turned ON (RL = 10K
Ω).
Channel Being Turned OFF (RL = 300K
Ω).
TYPICAL BIAS VOLTAGES
Fig. (a)
Fig. (b)
Fig. (c)
Fig. (d)
The ADDRESS (digital-control inputs) and INHIBIT logic levels are : ”0”=VSS and ”1”=VDD. The analog signal (trough the TG)
may swing from VEE to VDD.
WAVEFORMS
HCC/HCF4051B/52B/53B
8/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com