Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

902044310 Datasheet(PDF) 7 Page - AUER Signal GmbH

Part # 902044310
Description  Eco-Modul 40 Signal tower
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

902044310 Datasheet(HTML) 7 Page - AUER Signal GmbH

  902044310 Datasheet HTML 1Page - AUER Signal GmbH 902044310 Datasheet HTML 2Page - AUER Signal GmbH 902044310 Datasheet HTML 3Page - AUER Signal GmbH 902044310 Datasheet HTML 4Page - AUER Signal GmbH 902044310 Datasheet HTML 5Page - AUER Signal GmbH 902044310 Datasheet HTML 6Page - AUER Signal GmbH 902044310 Datasheet HTML 7Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
36
au di ble modu leS
Type
Type of accessory
Tube length Item Nr.
zMW
Base for horizontal mounting M20, inside mounting holes
902 570 900
zMS
Base for horizontal mounting with pre-mounted fixing screws
902 571 900
zMF
Base for horizontal mounting with external mounting holes
902 572 900
zMC
Base for horizontal mounting with external mounting holes and integrated 5-pole M12 connector
902 572 911
zMV
Base for vertical mounting for single-sided mounting
902 573 900
zzV
Base for vertical mounting for double-sided mounting
902 574 900
zMR
Tube base 100 mm on aluminium tube with plastic foot
100 mm
902 582 900
Tube base 250 mm on aluminium tube with plastic foot
250 mm
902 583 900
Tube base 400 mm on aluminium tube with plastic foot
400 mm
902 584 900
zNW
Tube base NPT 1/2'' thread
902 570 950
zSW
Tube base 100 mm on aluminium tube for horizontal mounting with banjo bolt
100 mm
902 592 900
Tube base 250 mm on aluminium tube for horizontal mounting with banjo bolt
250 mm
902 593 900
Tube base 400 mm on aluminium tube for horizontal mounting with banjo bolt
400 mm
902 594 900
zFR
Quick mounting system 'foot adapter' 100 mm on aluminium tube with foot adapter
100 mm
902 562 900
Quick mounting system 'foot adapter' 250 mm on aluminium tube with foot adapter
250 mm
902 563 900
Quick mounting system 'foot adapter' 400 mm on aluminium tube with foot adapter
400 mm
902 564 900
orde r data – baSe
acceSSorieS
eco-modul 40
Type
Type of accessory
Tube length Weight
Order number
XWR
Bracket for vertical mounting of TMR/UMR tube base
95 g
900 600 900
XSS
Set Set for vertical mounting (bracket, cable gland)
135 g
900 700 900
XIB
Identification plate
235 g
900 850 900
WzC
Bracket
85 g
200 550 900
zEP
Base extension 100 mm long, suitable for all bases
100 mm
902 800 900
XWR
XSS
XIB
ZEP
WZC
Eco-Modul
m o d u l ar S i gnal towe rS
Type
Tone
Volume
Nominal voltage
Voltage range (V)
Nominal current (A)
Order number
zDE
Piezo buzzer module steady
tone/pulsing tone
80 dB
24 V AC/DC
+/- 10 %
0,039
902 500 405
110-120 V AC
+/- 10 %
0,021
902 500 310
230-240 V AC
+/- 10 %
0,021
902 500 313



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com