Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4098 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4098
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4098 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4098 Datasheet HTML 1Page - STMicroelectronics HCF4098 Datasheet HTML 2Page - STMicroelectronics HCF4098 Datasheet HTML 3Page - STMicroelectronics HCF4098 Datasheet HTML 4Page - STMicroelectronics HCF4098 Datasheet HTML 5Page - STMicroelectronics HCF4098 Datasheet HTML 6Page - STMicroelectronics HCF4098 Datasheet HTML 7Page - STMicroelectronics HCF4098 Datasheet HTML 8Page - STMicroelectronics HCF4098 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HCC/HCF4098B
DUAL MONOSTABLE MULTIVIBRATOR
.
RETRIGGERABLE/RESETTABLE CAPABILITY
.
TRIGGER AND RESET PROPAGATION DE-
LAYS INDEPENDENT OF RX,CX
.
TRIGGERING FROM LEADING OR TRAILING
EDGE
.
Q AND Q BUFFERED OUTPUTS AVAILABLE
.
SEPARATE RESETS
.
WIDE RANGE OF OUTPUT-PULSE WIDTHS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT
CURRENT OF 100nA AT 18V AND
25
°C FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
° 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4098B (extended temperature range) and
HCF4098B (intermediate temperature range) are
monolithic integrated circuit, available in 16-lead
dual in-line dual in-line plastic or ceramic package
and plastic micropackage. The HCC/HCF4098B
dual monostable multivibrator provides stable retrig-
gerable/resettable one-shot operation for any fixed-
voltage timing application. An external resistor (RX)
and an external capacitor (CX) control the timing for
the circuit. Adjustment of RX and CX provides a wide
range of output pulse widths from the Q and Q ter-
minals. The time delay from trigger input to output
transition (trigger propagation delay) and the time
delay from reset input to output transition (reset pro-
pagation delay) are independent of RX and CX.
Leading-edge-triggering (+ TR) and trailing-edge-
triggering (– TR) inputs are provided for triggering
from either edge of an input pulse. An unused + TR
input should be tied to VSS. An unused – TR input
should be tied to VDD. A RESET (on low level) is pro-
vided for immediate termination of the output pulse
or to prevent output pulses when power is turned on.
An unused RESET input should be tied to VDD. How-
ever, if an entire section of the 4098B is not used,
its RESET should be tied to VSS. See table I. In nor-
mal operation the circuit triggers (extends the output
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4098BF
HCF4098BM1
HCF4098BEY
HCF4098BC1
PIN CONNECTIONS
M1
(Micro Package)
DESCRIPTION
1/14


Similar Part No. - HCF4098

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B Datasheet
233Kb / 10P
DUAL MONOSTABLE MULTIVIBRATOR
Sep-2001
HCF4098BEY STMICROELECTRONICS-HCF4098BEY Datasheet
236Kb / 10P
DUAL MONOSTABLE MULTIVIBRATOR
Sep-2001
HCF4098BEY STMICROELECTRONICS-HCF4098BEY Datasheet
233Kb / 10P
DUAL MONOSTABLE MULTIVIBRATOR
Sep-2001
HCF4098BM1 STMICROELECTRONICS-HCF4098BM1 Datasheet
236Kb / 10P
DUAL MONOSTABLE MULTIVIBRATOR
Sep-2001
HCF4098BM1 STMICROELECTRONICS-HCF4098BM1 Datasheet
233Kb / 10P
DUAL MONOSTABLE MULTIVIBRATOR
Sep-2001
More results

Similar Description - HCF4098

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
Dual Monostable Multivibrator
MM54C221 NSC-MM54C221 Datasheet
148Kb / 6P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B Datasheet
104Kb / 8P
Dual monostable multivibrator
January 1995
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
DUAL MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
Dual Monostable Multivibrator
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
Dual monostable multivibrator
Rev. 11 - 4 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com