Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVT.A Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS73233DBVT.A
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73233DBVT.A Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS73233DBVT.A Datasheet HTML 24Page - Texas Instruments TPS73233DBVT.A Datasheet HTML 25Page - Texas Instruments TPS73233DBVT.A Datasheet HTML 26Page - Texas Instruments TPS73233DBVT.A Datasheet HTML 27Page - Texas Instruments TPS73233DBVT.A Datasheet HTML 28Page - Texas Instruments TPS73233DBVT.A Datasheet HTML 29Page - Texas Instruments TPS73233DBVT.A Datasheet HTML 30Page - Texas Instruments TPS73233DBVT.A Datasheet HTML 31Page - Texas Instruments TPS73233DBVT.A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
8.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision Q (September 2024) to Revision R (May 2025)
Page
• Added new silicon DBV thermals....................................................................................................................... 4
• Updated DRB (VSON) for DRB0008A package outline..................................................................................... 4
• Changed legacy chip to legacy silicon in Device Nomenclature table..............................................................27
Changes from Revision P (December 2015) to Revision Q (September 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed SON to VSON throughout document.................................................................................................. 1
• Added new silicon ground pin current spec........................................................................................................6
• Added new silicon shutdown current spec......................................................................................................... 6
• Added new silicon plots to Typical Characteristics ............................................................................................ 7
• Changed load current max source from 500mA to 250mA and dropout voltage from 250mV to 150mV in
Overview section.............................................................................................................................................. 16
• Changed total ESR drops below 50nΩF to total ESR drops below 50nF × Ω in Input and Output Capacitor
Requirements section.......................................................................................................................................21
• Added new silicon plots to Application Curves section.....................................................................................22
• Changed Layout Guidelines section.................................................................................................................23
• Added DBV and DCQ layout figures to Layout Examples section................................................................... 24
• Added M3 information to Device Nomenclature .............................................................................................. 27
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
TPS732
SBVS037R – AUGUST 2003 – REVISED MAY 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com