Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH30AC06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH30AC06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30AC06 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH30AC06 Datasheet HTML 1Page - STMicroelectronics STTH30AC06 Datasheet HTML 2Page - STMicroelectronics STTH30AC06 Datasheet HTML 3Page - STMicroelectronics STTH30AC06 Datasheet HTML 4Page - STMicroelectronics STTH30AC06 Datasheet HTML 5Page - STMicroelectronics STTH30AC06 Datasheet HTML 6Page - STMicroelectronics STTH30AC06 Datasheet HTML 7Page - STMicroelectronics STTH30AC06 Datasheet HTML 8Page - STMicroelectronics STTH30AC06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH30AC06FP
4/10
DocID027889 Rev 2
Figure 7: Reverse recovery time versus dIF/dt
(typical values)
Figure 8: Reverse recovery charges versus dIF/dt
(typical values)
Figure 9: Reverse recovery softness factor versus
dIF/dt (typical values)
Figure 10: Relative variations of dynamic
parameters versus junction temperature
Figure 11: Junction capacitance versus reverse voltage applied (typical values)
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
450
500
t
RR
(ns)
dlF/dt (A/µs)
IF = 30 A
VR = 400 V
T
j
= 125 °C
0
200
400
600
800
1000
1200
1400
0
50
100
150
200
250
300
350
400
450
500
Q
RR
(nC)
dlF/dt (A/µs)
IF = 30 A
VR = 400 V
T
j
= 125 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
450
500
S
FACTOR
dlF/dt (A/µs)
IF = 30 A
VR = 400 V
T
j
= 125 °C
0.0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
QRR
IF = 30 A
VR = 400 V
Reference: T
j
= 125 °C
IRM
SFACTOR
Tj(°C)
10
100
1000
1
10
100
1000
C(pF)
V
R
(V)
F = 1 MHz
V
OSC = 30 mVRMS
T
j
= 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com