| Electronic Components Datasheet Search |
|
IP-R4407-WT Datasheet(PDF) 9 Page - Brady Worldwide, Inc. |
|
|
|||||||||||||||||||||||||||||
IP-R4407-WT Datasheet(HTML) 9 Page - Brady Worldwide, Inc. |
|
9 / 12 page ![]() BradyID.com/i5100 • 1-888-272-3946 9 Ribbon Series Description Catalog # Size (in. x ft.) Color R4300 Wax/Resin Strong environmental resistance against smearing and chemicals. Also, reliable, sharp-edge print quality to maximize barcode readability. IP-R4306 1.570 x 984 Black IP-R4302 2.360 x 984 Black IP-R4300 3.270 x 984 Black IP-R4307 4.330 x 984 Black R4400 Resin High density, excellent solvent resistance, high heat resistance, scratch resistance. IP-R4400-WT 2.360 x 984 White IP-R4402-WT 3.270 x 984 White IP-R4407-WT 4.330 x 984 White IP-R4400-GR* 2.360 x 984 Green IP-R4402-GR* 3.270 x 984 Green IP-R4400-RD* 2.360 x 984 Red IP-R4402-RD* 3.270 x 984 Red IP-R4407-RD* 4.330 x 984 Red IP-R4400-BL* 2.360 x 984 Blue IP-R4402-BL* 3.270 x 984 Blue IP-R4407-BL* 4.330 x 984 Blue R4500 Wax/Resin Strong environmental resistance against smearing and chemicals. Also, reliable, sharp-edge print quality to maximize barcode readability. IP-R4500-RD 2.360 x 984 Red IP-R4502-RD 3.270 x 984 Red IP-R4507-RD 4.330 x 984 Red IP-R4502-SV 3.270 x 984 Silver IP-R4500-BL 2.360 x 984 Blue IP-R4502-BL 3.270 x 984 Blue IP-R4507-BL 4.330 x 984 Blue R4900 Resin Superb smear resistance at high temps. Superior solvent resistance. IP-R4902 2.360 x 984 Black IP-R4900 3.270 x 984 Black R6000 Resin Halogen-free, high density, excellent solvent resistance, high heat resistance, scratch resistance. IP-R6006 1.570 x 984 Black IP-R6000 2.360 x 984 Black IP-R6002 3.270 x 984 Black IP-R6007 4.330 x 984 Black R6100 Wax/Resin Outstanding durability for a general purpose ribbon. Reduced printhead energy requirements. IP-R6100 2.360 x 984 Black IP-R6102 3.270 x 984 Black IP-R6107 4.330 x 984 Black R6200 Resin Designed for harsh environment labeling applications. Superior abrasion, chemical and heat resistance. IP-R6206 1.570 x 984 Black IP-R6200 2.360 x 984 Black IP-R6202 3.270 x 984 Black IP-R6207 4.330 x 984 Black R6400 Resin High density, excellent solvent resistance, high heat resistance, scratch resistance. IP-R6406 1.570 x 984 Black IP-R6400 2.360 x 984 Black IP-R6402 3.270 x 984 Black IP-R6407 4.330 x 984 Black R6600 Resin Diesel resistant for printing on Brady PermaSleeve® and Heatex™ Sleeves. IP-R6600 2.360 x 984 Black IP-R6602 3.270 x 984 Black IP-R6607 4.330 x 984 Black R6700 Wax/Resin High performance against scratching, smudging and harsh chemicals. IP-R6700-WT 2.360 x 984 White IP-R6702-WT 3.270 x 984 White IP-R6707-WT 4.330 x 984 White R6800 Resin Specialized white ribbon for use with dark-colored PermaSleeve HT markers. IP-R6800-WT 2.360 x 984 White IP-R6800-WT 3.270 x 984 White IP-R6807-WT 4.330 x 984 White Spare Brady ribbon takeup spindle 149562 — — Non-IP-enabled ribbon spindle 108231 — — * i5100 print ribbons IP-enabled ribbons from Brady are designed to guarantee correct ink-facing orientation every time, which prevents damage to your print head and allows you to load ribbons quickly, and get back to work. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |