Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD35T-R82K-H Datasheet(PDF) 5 Page - ABCO ELECTRONICS CO.LTD

Part # RD35T-R82K-H
Description  RADIAL LEADED INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD35T-R82K-H Datasheet(HTML) 5 Page - ABCO ELECTRONICS CO.LTD

  RD35T-R82K-H Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD35T-R82K-H Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD35T-R82K-H Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD35T-R82K-H Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD35T-R82K-H Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD35T-R82K-H Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD35T-R82K-H Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD35T-R82K-H Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
61
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Measuring
Self-Resonant
DC
Rated
Ordering Code
Inductance
Inductanced
Q
Frequency
Frequency
Resistance
Current
[µH]
Tolerance
(min.)
[MHz]
[MHz]
[
Ω][mA]
(min.)
(max.)
(max.)
●
RD35H
RD35T-R22K-H
0.22
170.0
0.09
1000
RD35T-R27K-H
0.27
160.0
0.10
980
RD35T-R33K-H
0.33
140.0
0.11
960
RD35T-R39K-H
0.39
130.0
0.12
940
RD35T-R47K-H
0.47
120.0
0.13
910
RD35T-R56K-H
0.56
110.0
0.14
880
RD35T-R68K-H
0.68
100.0
0.15
850
RD35T-R82K-H
0.82
90.0
0.16
820
RD35T-1R0J-H
1.0
82.0
0.17
790
RD35T-1R2J-H
1.2
70.0
0.18
760
RD35T-1R5J-H
1.5
65.0
0.20
730
RD35T-1R8J-H
1.8
57.0
0.22
700
RD35T-2R2J-H
2.2
47.0
0.24
670
RD35T-2R7J-H
2.7
40.0
0.26
640
RD35T-3R3J-H
3.3
35.0
0.28
610
RD35T-3R9J-H
3.9
33.0
0.30
580
RD35T-4R7J-H
4.7
31.0
0.33
560
RD35T-5R6J-H
5.6
27.0
0.36
540
RD35T-6R8J-H
6.8
24.0
0.39
520
RD35T-8R2J-H
8.2
22.0
0.42
490
RD35T-100J-H
10
21.0
0.45
460
RD35T-120J-H
12
18.0
1.2
350
RD35T-150J-H
15
16.0
1.3
330
RD35T-180J-H
18
14.0
1.4
300
RD35T-220J-H
22
13.0
1.5
270
RD35T-270J-H
27
12.0
1.6
250
RD35T-330J-H
33
11.0
1.8
235
RD35T-390J-H
39
10.0
2.0
220
RD35T-470J-H
47
9.5
2.2
200
RD35T-560J-H
56
9.0
2.4
190
RD35T-680J-H
68
8.5
2.8
170
RD35T-820J-H
82
8.0
3.0
155
RD35T-101K-H
100
7.5
3.3
150
RD35T-121K-H
120
6.8
4.2
140
RD35T-151K-H
150
6.2
5.0
130
RD35T-181K-H
180
5.6
6.0
125
RD35T-221K-H
220
5.0
7.5
120
RD35T-271K-H
270
4.6
11.0
105
RD35T-331K-H
330
4.2
13.0
95
RD35T-391K-H
390
3.8
15.0
90
RD35T-471K-H
470
3.4
17.0
80
RD35T-561K-H
560
2.4
21.0
69
RD35T-681K-H
680
2.2
23.5
65
RD35T-821K-H
820
2.0
26.5
61
RD35T-102K-H
1000
1.8
31.5
56
± 10%
(
± 5%)
50
30
25
0.252
25.2
7.96
2.52
0.796



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com