Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF60CV Datasheet(PDF) 1 Page - STMicroelectronics

Part # LF60CV
Description  Very low drop voltage regulator with inhibit function
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF60CV Datasheet(HTML) 1 Page - STMicroelectronics

  LF60CV Datasheet HTML 1Page - STMicroelectronics LF60CV Datasheet HTML 2Page - STMicroelectronics LF60CV Datasheet HTML 3Page - STMicroelectronics LF60CV Datasheet HTML 4Page - STMicroelectronics LF60CV Datasheet HTML 5Page - STMicroelectronics LF60CV Datasheet HTML 6Page - STMicroelectronics LF60CV Datasheet HTML 7Page - STMicroelectronics LF60CV Datasheet HTML 8Page - STMicroelectronics LF60CV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
May 2017
DocID2574 Rev 31
1/53
This is information on a product in full production.
www.st.com
LFXX
Very low drop voltage regulator with inhibit function
Datasheet - production data
Features
Very low-dropout voltage (0.45 V)
Very low quiescent current (typ. 50 µA in
OFF mode, 500 µA in ON mode)
Output current up to 500 mA
Logic-controlled electronic shutdown
Output voltages of 1.5; 1.8; 2.5; 3.3; 4.7; 5;
6; 8; 8.5; 9; 12 V
Automotive grade product: 1.8 V, 2.5 V,
3.3 V, 5.0 V, 8.0 V, 8.5 V VOUT in DPAK and
PPAK packages
Internal current and thermal limit
Only 2.2 µF for stability
Available in ±1% (AB), ±1.5% (AC) or
±2% (C) selection at 25 °C
Supply voltage rejection: 80 db (typ.)
Temperature range: from -40 to 125 °C
Description
The LFXX is a very low drop regulator available
in TO-220, TO-220FP, DPAK and PPAK
packages and in a wide range of output voltages.
The low drop voltage (0.45 V) and low quiescent
current make it particularly suitable for low-noise,
low-power applications and especially in battery-
powered systems. In the 5 pin configuration
(PPAK) a shutdown logic control function is
available (pin 2, TTL compatible). This means
that when the device is used as a local regulator,
a part of the board can be put in standby,
decreasing the total power consumption. In the
three terminal configuration, the device has the
same electrical performance, but it is fixed in ON
state. It requires a capacitor of only 2.2 µF for
stability, saving board space and costs. The
LFXX is available as automotive grade in DPAK
and PPAK packages, for the options of output
voltages whose commercial part numbers are
shown in the order codes. These devices are
qualified according to the specification
AEC-Q100 of the automotive market, in the
temperature range -40 °C to 125 °C, and the
statistical tests PAT, SYL, SBL are performed.


Similar Part No. - LF60CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF60CV STMICROELECTRONICS-LF60CV Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF60CV STMICROELECTRONICS-LF60CV Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF60CV STMICROELECTRONICS-LF60CV Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
LF60CV STMICROELECTRONICS-LF60CV Datasheet
1,016Kb / 45P
Very low drop voltage regulators with inhibit
26-Jul-2007
LF60CV STMICROELECTRONICS-LF60CV Datasheet
1Mb / 49P
Very low drop voltage regulators with inhibit
12-Feb-2008
More results

Similar Description - LF60CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
Jul-2003
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LHC4913 STMICROELECTRONICS-LHC4913 Datasheet
77Kb / 6P
3A POSITIVE LOW DROP VOLTAGE REGULATOR WITH INHIBIT FUNCTION
August 2002
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
Mar-2004
LM2931XX STMICROELECTRONICS-LM2931XX Datasheet
884Kb / 23P
Very low drop voltage regulators with inhibit function
10-Jul-2008
LM2931XX STMICROELECTRONICS-LM2931XX_10 Datasheet
857Kb / 21P
Very low drop voltage regulators with inhibit function
26-May-2010
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com